Electronic Components Datasheet Search
  English  ▼

X  

ARS1012 Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # ARS1012
Description  3 GHz MICROWAVE RELAYS Miniature size Lineup includes 50/75廓 type
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ARS1012 Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button ARS1012 Datasheet HTML 2Page - Panasonic Semiconductor ARS1012 Datasheet HTML 3Page - Panasonic Semiconductor ARS1012 Datasheet HTML 4Page - Panasonic Semiconductor ARS1012 Datasheet HTML 5Page - Panasonic Semiconductor ARS1012 Datasheet HTML 6Page - Panasonic Semiconductor ARS1012 Datasheet HTML 7Page - Panasonic Semiconductor ARS1012 Datasheet HTML 8Page - Panasonic Semiconductor ARS1012 Datasheet HTML 9Page - Panasonic Semiconductor ARS1012 Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Panasonic Corporation Automation Controls Business Unit industrial.panasonic.com/ac/e/
RS (ARS)
ASCTB106E 201202-T
DIMENSIONS (mm inch)
<Standard PC board terminal>
2.-(1) Operation noise distribution
Sample: ARS134H (single side stable silent type),
50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When operated
When released
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
0
10
20
30
20
30
40
50
Noise level, dB
2.-(2) Operation noise distribution
Sample: ARS104H (single side stable standard type),
50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When operated
When released
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
0
10
20
30
20
30
40
50
Noise level, dB
2.-(3) Operation noise distribution
Sample: ARS114H (latching type), 50 pcs.
Coil voltage: rated voltage applied (with diode)
Equipment setting: A weighted sound pressure level,
FAST.
Background noise: approx. 20 dB
Method of measurement: See figure below.
When set and reset
Relay
Acoustic absorption mat
11.811inch
300mm
Microphone
Top of relay
0
10
20
30
20
30
40
50
Noise level, dB
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
1. 50
Ω type
External dimensions
Tolerance:
±0.3 ±.012
PC board pattern (Bottom view)
Tolerance:
±0.1 ±.004
1.40
6.35
.055
.250
2.54
.100
2 coil latching only
Stand off
2-0.60
×0.20
2-.024
×.008
(0.60)
(.024)
3-0.40
×0.20
3-.016
×.008
3- 0.45
3- .018
8.60
.339
14.00
.551
The part numbers depend
on the type and voltage.
Lot No.
JAPAN
2 coil latching only
8-1.00 dia.
8-.039 dia.
2.54
.100
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com