Electronic Components Datasheet Search
  English  ▼

X  

AD22293Z Datasheet(PDF) 7 Page - Analog Devices

Part # AD22293Z
Description  Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22293Z Datasheet(HTML) 7 Page - Analog Devices

Back Button AD22293Z Datasheet HTML 3Page - Analog Devices AD22293Z Datasheet HTML 4Page - Analog Devices AD22293Z Datasheet HTML 5Page - Analog Devices AD22293Z Datasheet HTML 6Page - Analog Devices AD22293Z Datasheet HTML 7Page - Analog Devices AD22293Z Datasheet HTML 8Page - Analog Devices AD22293Z Datasheet HTML 9Page - Analog Devices AD22293Z Datasheet HTML 10Page - Analog Devices AD22293Z Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 7 of 16
TEMPERATURE (°C)
2.40
2.60
2.58
2.56
2.54
2.52
2.50
2.48
2.46
2.44
2.42
Figure 11. Zero g Bias vs. Temperature; Parts Soldered to PCB
X AXIS NOISE DENSITY (mg/√Hz)
0
40
35
30
25
20
15
10
5
45
50
150
140
130
120
110
100
90
80
70
60
Figure 12. X-Axis Noise Density at 25°C
TEMPERATURE (°C)
0.97
1.00
0.99
0.98
1.02
1.01
1.03
Figure 13. Sensitivity vs. Temperature; Parts Soldered to PCB
Y AXIS NOISE DENSITY (mg/√Hz)
0
40
35
30
25
20
15
10
5
45
50
150
140
130
120
110
100
90
80
70
60
Figure 14. Y-Axis Noise Density at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com