Electronic Components Datasheet Search
  English  ▼

X  

AD22293Z Datasheet(PDF) 1 Page - Analog Devices

Part # AD22293Z
Description  Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22293Z Datasheet(HTML) 1 Page - Analog Devices

  AD22293Z Datasheet HTML 1Page - Analog Devices AD22293Z Datasheet HTML 2Page - Analog Devices AD22293Z Datasheet HTML 3Page - Analog Devices AD22293Z Datasheet HTML 4Page - Analog Devices AD22293Z Datasheet HTML 5Page - Analog Devices AD22293Z Datasheet HTML 6Page - Analog Devices AD22293Z Datasheet HTML 7Page - Analog Devices AD22293Z Datasheet HTML 8Page - Analog Devices AD22293Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Precision ±1.7 g, ±5 g, ±18 g Single-/
Dual-Axis iMEMS® Accelerometer
Data Sheet
ADXL103/ADXL203
Rev. D
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2004–2011 Analog Devices, Inc. All rights reserved.
FEATURES
High performance, single-/dual-axis accelerometer on
a single IC chip
5 mm × 5 mm × 2 mm LCC package
1 mg resolution at 60 Hz
Low power: 700 μA at VS = 5 V (typical)
High zero g bias stability
High sensitivity accuracy
−40°C to +125°C temperature range
X and Y axes aligned to within 0.1° (typical)
Bandwidth adjustment with a single capacitor
Single-supply operation
3500 g shock survival
RoHS compliant
Compatible with Sn/Pb- and Pb-free solder processes
Qualified for automotive applications
APPLICATIONS
Vehicle dynamic controls
Electronic chassis controls
Platform stabilization/leveling
Navigation
Alarms and motion detectors
High accuracy, 2-axis tilt sensing
Vibration monitoring and compensation
Abuse event detection
GENERAL DESCRIPTION
The ADXL103/ADXL203 are high precision, low power, complete
single- and dual-axis accelerometers with signal conditioned
voltage outputs, all on a single, monolithic IC. The ADXL103/
ADXL203 measure acceleration with a full-scale range of ±1.7 g,
±5 g, or ±18 g. The ADXL103/ADXL203 can measure both
dynamic acceleration (for example, vibration) and static
acceleration (for example, gravity).
The typical noise floor is 110 μg/√Hz, allowing signals below 1 mg
(0.06° of inclination) to be resolved in tilt sensing applications
using narrow bandwidths (<60 Hz).
The user selects the bandwidth of the accelerometer using
Capacitor CX and Capacitor CY at the XOUT and YOUT pins.
Bandwidths of 0.5 Hz to 2.5 kHz can be selected to suit the
application.
The ADXL103 and ADXL203 are available in a 5 mm × 5 mm ×
2 mm, 8-terminal ceramic LCC package.
FUNCTIONAL BLOCK DIAGRAMS
ADXL103
SENSOR
+5V
OUTPUT
AMP
COM
ST
XOUT
VS
CDC
CX
RFILT
32kΩ
DEMOD
AC
AMP
ADXL203
SENSOR
+5V
OUTPUT
AMP
OUTPUT
AMP
COM
ST
YOUT
VS
CDC
CY
RFILT
32kΩ
DEMOD
XOUT
CX
RFILT
32kΩ
AC
AMP
Figure 1.


Similar Part No. - AD22293Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22293ZA AD-AD22293ZA Datasheet
618Kb / 16P
Precision 1.7g, -1.7g, 5g, -5g, 18g, -18g Single-/ Dual-Axis iMEMS Accelerometer
REV. D
More results

Similar Description - AD22293Z

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL103 AD-ADXL103 Datasheet
438Kb / 12P
Precision 짹1.7 g Single/Dual Axis Accelerometer
4/04-Revision 0
logo
Freescale Semiconductor...
MMA6270Q FREESCALE-MMA6270Q Datasheet
129Kb / 8P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADIS16003 AD-ADIS16003 Datasheet
285Kb / 16P
Dual-Axis 짹1.7 g Accelerometer with SPI Interface
10/05-Revision 0
logo
Freescale Semiconductor...
MMA6270QT FREESCALE-MMA6270QT Datasheet
281Kb / 11P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
MMA6270QT FREESCALE-MMA6270QT_07 Datasheet
326Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
logo
Analog Devices
ADXL206 AD-ADXL206 Datasheet
427Kb / 12P
Precision, 짹5 g, Dual-Axis, High Temperature iMEMS Accelerometer
REV. 0
ADXL103 AD-ADXL103_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
ADXL203 AD-ADXL203_15 Datasheet
853Kb / 16P
Precision 1.7 g, 5 g, 18 g Single-/ Dual-Axis iMEMS Accelerometer
Rev. E
logo
NXP Semiconductors
MMA6270QT NXP-MMA6270QT Datasheet
242Kb / 12P
짹1.5 g - 6 g Dual Axis Low-g Micromachined Accelerometer
Rev 4, 04/2008
logo
MEMSIC Semiconductor (T...
MXR7999V MEMSIC-MXR7999V Datasheet
95Kb / 6P
Low Cost 짹1.7 g Dual-Axis Accelerometer with Ratiometric Outputs
Rev.A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com