Electronic Components Datasheet Search
  English  ▼

X  

AD22293Z Datasheet(PDF) 16 Page - Analog Devices

Part # AD22293Z
Description  Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22293Z Datasheet(HTML) 16 Page - Analog Devices

Back Button AD22293Z Datasheet HTML 8Page - Analog Devices AD22293Z Datasheet HTML 9Page - Analog Devices AD22293Z Datasheet HTML 10Page - Analog Devices AD22293Z Datasheet HTML 11Page - Analog Devices AD22293Z Datasheet HTML 12Page - Analog Devices AD22293Z Datasheet HTML 13Page - Analog Devices AD22293Z Datasheet HTML 14Page - Analog Devices AD22293Z Datasheet HTML 15Page - Analog Devices AD22293Z Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
ADXL103/ADXL203
Data Sheet
Rev. D | Page 16 of 16
OUTLINE DIMENSIONS
BOTTOM VIEW
(PLATING OPTION 1,
SEE DETAIL A
FOROPTION2)
DETAIL A
(OPTION 2)
1
3
5
7
TOP VIEW
0.075 REF
R 0.008
(4 PLCS)
0.203
0.197 SQ
0.193
0.020
0.015
0.010
(R 4 PLCS)
0.180
0.177 SQ
0.174
0.087
0.078
0.069
0.008
0.006
0.004
0.077
0.070
0.063
0.054
0.050
0.046
0.030
0.025
0.020
0.028
0.020 DIA
0.012
0.019 SQ
0.106
0.100
0.094
R 0.008
(8 PLCS)
Figure 40. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8-1)
Dimensions shown in inches
ORDERING GUIDE
Model1, 2
Axes
Device
Generic
g-Range
Specified
Voltage (V)
Temperature Range
Package Description
Package
Option
ADXL103CE
1
ADXL103
±1.7
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL103CE–REEL
1
ADXL103
±1.7
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL103WCEZB-REEL
1
ADXL103
±1.7
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22035Z
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22035Z-RL
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22035Z-RL7
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22035Z
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22035Z-RL
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22035Z-RL7
1
ADXL103
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL203CE
2
ADXL203
±1.7
5
–40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL203CE-REEL
2
ADXL203
±1.7
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL203WCEZB-REEL
2
ADXL203
±1.7
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADXL203EB
Evaluation Board
AD22293ZA
2
ADXL203
±5
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22293ZA
2
ADXL203
±5
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22037Z
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22037Z-RL
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
AD22037Z-RL7
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22037Z
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22037Z-RL
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
ADW22037Z-RL7
2
ADXL203
±18
5
−40°C to +125°C
8-Terminal Ceramic LCC
E-8-1
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADXL103W, ADW22035, ADXL203W, ADW22293, and ADW22037 models are available with controlled manufacturing to support
the quality and reliability requirements of automotive applications. Note that these automotive models may have specifications that differ
from the commercial models; therefore, designers should review the Specifications section of this data sheet carefully. Only the automotive grade
products shown are available for use in automotive applications. Contact your local Analog Devices account representative for specific
product ordering information and to obtain the specific Automotive Reliability reports for these models.
©2004–2011 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D03757-0-9/11(D)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com