Electronic Components Datasheet Search
  English  ▼

X  

AD22293Z Datasheet(PDF) 9 Page - Analog Devices

Part # AD22293Z
Description  Precision 짹1.7 g, 짹5 g, 짹18 g Single-/ Dual-Axis iMEMS짰 Accelerometer
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22293Z Datasheet(HTML) 9 Page - Analog Devices

Back Button AD22293Z Datasheet HTML 5Page - Analog Devices AD22293Z Datasheet HTML 6Page - Analog Devices AD22293Z Datasheet HTML 7Page - Analog Devices AD22293Z Datasheet HTML 8Page - Analog Devices AD22293Z Datasheet HTML 9Page - Analog Devices AD22293Z Datasheet HTML 10Page - Analog Devices AD22293Z Datasheet HTML 11Page - Analog Devices AD22293Z Datasheet HTML 12Page - Analog Devices AD22293Z Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Data Sheet
ADXL103/ADXL203
Rev. D | Page 9 of 16
AD22293
0
10
20
30
40
50
60
ZERO g BIAS (V)
Figure 19. X-Axis Zero g Bias at 25°C
0
5
10
15
20
25
TEMPERATURE COEFFICIENT (mg/°C)
Figure 20. X-Axis Zero g Bias Temperature Coefficient
0
10
20
30
40
50
60
70
80
90
SENSITIVITY (V/g)
Figure 21. X-Axis Sensitivity at 25°C
0
10
20
30
40
50
60
70
ZERO g BIAS (V)
Figure 22. Y-Axis Zero g Bias at 25°C
TEMPERATURE COEFFICIENT (mg/°C)
0
5
10
15
20
25
Figure 23. Y-Axis Zero g Bias Temperature Coefficient
0
10
20
30
40
50
60
70
80
SENSITIVITY (V/g)
Figure 24. Y-Axis Sensitivity at 25°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com