Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCCDR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCCDR
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCCDR Datasheet(HTML) 3 Page - Texas Instruments

  ISO7420FCCDR Datasheet HTML 1Page - Texas Instruments ISO7420FCCDR Datasheet HTML 2Page - Texas Instruments ISO7420FCCDR Datasheet HTML 3Page - Texas Instruments ISO7420FCCDR Datasheet HTML 4Page - Texas Instruments ISO7420FCCDR Datasheet HTML 5Page - Texas Instruments ISO7420FCCDR Datasheet HTML 6Page - Texas Instruments ISO7420FCCDR Datasheet HTML 7Page - Texas Instruments ISO7420FCCDR Datasheet HTML 8Page - Texas Instruments ISO7420FCCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
ISO7420FCC
www.ti.com
SLLSED3A – JUNE 2013 – REVISED JULY 2013
RECOMMENDED OPERATING CONDITIONS
MIN
TYP
MAX
UNIT
VCC1, VCC2
Supply voltage
2.7
5.5
V
High-level output current (Vcc
≥ 3.0V)
–4
mA
IOH
High-level output current (Vcc < 3.0V)
-2
mA
IOL
Low-level output current
4
mA
VIH
High-level input voltage
2
VCC
V
VIL
Low-level input voltage
0
0.8
V
≥4.5V-Operation
20
tui
Input pulse duration
ns
<4.5V-Operation
25
1 / tui
Signaling rate
≥4.5V-Operation
0
50
Mbps
<4.5V-Operation
0
40
TJ
(1)
Junction temperature
–40
136
°C
TA
Ambient temperature
-40
25
125
°C
(1)
To maintain the recommended operating conditions for TJ, see the Package Thermal Characteristics table.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links :ISO7420FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com