Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCCDR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCCDR
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCCDR Datasheet(HTML) 1 Page - Texas Instruments

  ISO7420FCCDR Datasheet HTML 1Page - Texas Instruments ISO7420FCCDR Datasheet HTML 2Page - Texas Instruments ISO7420FCCDR Datasheet HTML 3Page - Texas Instruments ISO7420FCCDR Datasheet HTML 4Page - Texas Instruments ISO7420FCCDR Datasheet HTML 5Page - Texas Instruments ISO7420FCCDR Datasheet HTML 6Page - Texas Instruments ISO7420FCCDR Datasheet HTML 7Page - Texas Instruments ISO7420FCCDR Datasheet HTML 8Page - Texas Instruments ISO7420FCCDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
ISO7420FCC
www.ti.com
SLLSED3A – JUNE 2013 – REVISED JULY 2013
Low-Power Dual Channel Digital Isolator
Check for Samples: ISO7420FCC
1
FEATURES
SAFETY AND REGULATORY
APPROVALS
2
•
Signaling Rate: 50 Mbps (5V Supplies)
•
3 KVRMS / 4242 VPK Isolation per DIN EN 60747-
•
Output is Low in Default Mode
5-2 (VDE 0884 Part 2)
•
Integrated Noise Filter on the Input pins
•
2.5 KVRMS Isolation for 1 minute per UL 1577
•
Low Power Consumption: Typical ICC per
•
CSA Component Acceptance Notice #5A
Channel
•
IEC 60950-1 and IEC 61010-1 End Equipment
–
1.8 mA at 1 Mbps, 3.9 mA at 25 Mbps (5V
Standards
Supplies)
•
All Agencies Approvals Pending
–
1.4 mA at 1 Mbps, 2.6 mA at 25 Mbps (3.3V
Supplies)
DESCRIPTION
•
Low Propagation Delay: 20 ns Typical (5V
ISO7420FCC provides galvanic isolation up to 2500
Supplies)
VRMS for 1 minute per UL and 4242 VPK per VDE.
•
Channel-to-Channel Output Skew: 2ns
This device has two isolated channels. Each channel
Maximum
has a logic input and output buffer separated by a
silicon dioxide (SiO2) insulation barrier. Used in
•
3.3 V / 5 V Level Translation
conjunction with isolated power supplies,this device
•
Wide TA Range Specified: –40°C to 125°C
prevents noise currents on a data bus or other circuit
•
60 KV/
μs Transient Immunity, Typical (5V
from entering the local ground and interfering with or
Supplies)
damaging sensitive circuitry. The suffix F indicates
low-output option in fail-safe conditions (see Table 1).
•
Low Emissions
This device has integrated noise filter for harsh
•
Isolation Barrier Life: > 25 Years
environments where short noise pulses may be
•
Operates from 2.7V to 5.5V Supply Levels
present at the device input pins.
•
Narrow Body SOIC-8 Package
These devices have TTL input thresholds and
operate from 2.7V to 5.5V supplies. All inputs are 5V
APPLICATIONS
tolerant when supplied from a 2.7V or 3.3V supply.
•
Opto-Coupler Replacement in:
–
Industrial FieldBus
–
ProfiBus
–
ModBus
–
DeviceNet™ Data Buses
–
Servo Control Interface
–
Motor Control
–
Power Supplies
–
Battery Packs
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
DeviceNet is a trademark of Texas Instruments.
UNLESS
OTHERWISE
NOTED
this
document
contains
Copyright © 2013, Texas Instruments Incorporated
PRODUCTION DATA information current as of publication date.
Products conform to specifications per the terms of Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - ISO7420FCCDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO7420FCCDR TI1-ISO7420FCCDR Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
More results

Similar Description - ISO7420FCCDR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM1210 AD-ADUM1210 Datasheet
374Kb / 16P
Dual-Channel Digital Isolator
6/07-Rev. B to Rev. C
logo
Silicon Laboratories
SI8431BB-C-IS SILABS-SI8431BB-C-IS Datasheet
498Kb / 38P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
SI8441BB-C-IS SILABS-SI8441BB-C-IS Datasheet
517Kb / 38P
LOW-POWER QUAD-CHANNEL DIGITAL ISOLATOR
logo
List of Unclassifed Man...
SI8450 ETC2-SI8450 Datasheet
462Kb / 36P
LOW POWER FIVE-CHANNEL DIGITAL ISOLATOR
logo
Analog Devices
ADUM1210 AD-ADUM1210_15 Datasheet
285Kb / 20P
Dual-Channel Digital Isolator
Rev. D
logo
Texas Instruments
ISO7420FCC TI1-ISO7420FCC_15 Datasheet
4Mb / 27P
Low-Power Dual Channel Digital Isolator
logo
Skyworks Solutions Inc.
SI866X SKYWORKS-SI866X Datasheet
990Kb / 42P
Low Power Six-Channel Digital Isolator
July 26, 2022
logo
STMicroelectronics
STISO621 STMICROELECTRONICS-STISO621 Datasheet
398Kb / 21P
Dual channel digital isolator
09-May-2022
STISO620 STMICROELECTRONICS-STISO620 Datasheet
609Kb / 20P
Dual channel digital isolator
09-Jan-2023
logo
Skyworks Solutions Inc.
SI843X SKYWORKS-SI843X Datasheet
1Mb / 36P
LOW-POWER TRIPLE-CHANNEL DIGITAL ISOLATOR
Rev. 1.7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com