Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCCDR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCCDR
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCCDR Datasheet(HTML) 8 Page - Texas Instruments

Back Button ISO7420FCCDR Datasheet HTML 4Page - Texas Instruments ISO7420FCCDR Datasheet HTML 5Page - Texas Instruments ISO7420FCCDR Datasheet HTML 6Page - Texas Instruments ISO7420FCCDR Datasheet HTML 7Page - Texas Instruments ISO7420FCCDR Datasheet HTML 8Page - Texas Instruments ISO7420FCCDR Datasheet HTML 9Page - Texas Instruments ISO7420FCCDR Datasheet HTML 10Page - Texas Instruments ISO7420FCCDR Datasheet HTML 11Page - Texas Instruments ISO7420FCCDR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
ISO7420FCC
SLLSED3A – JUNE 2013 – REVISED JULY 2013
www.ti.com
DEVICE INFORMATION
IEC Insulation and Safety-Related Specifications for D-8 Package
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
L(I01)
Minimum air gap (clearance)
Shortest terminal-to-terminal distance through air
4
mm
Minimum external tracking
Shortest terminal-to-terminal distance across the
L(I02)
4
mm
(creepage)
package surface
Tracking resistance (comparative
CTI
DIN IEC 60112 / VDE 0303 Part 1
>400
V
tracking index)
Minimum internal gap (internal
Distance through the insulation
0.014
mm
clearance)
VIO = 500 V, TA < 100°C
>1012
Ω
Isolation resistance, input to
RIO
output(1)
VIO = 500 V, 100°C ≤ TA ≤ max
>1011
Ω
Barrier capacitance, input to
CIO
VIO = 0.4 sin (2πft), f = 1 MHz
1
pF
output(1)
CI
Input capacitance(2)
VI = VCC/2 + 0.4 sin (2πft), f = 1 MHz, VCC = 5 V
1
pF
(1)
All pins on each side of the barrier tied together creating a two-terminal device.
(2)
Measured from input pin to ground.
NOTE
Creepage and clearance requirements should be applied according to the specific
equipment isolation standards of an application. Care should be taken to maintain the
creepage and clearance distance of a board design to ensure that the mounting pads of
the isolator on the printed-circuit board do not reduce this distance.
Creepage and clearance on a printed-circuit board become equal in certain cases.
Techniques such as inserting grooves and/or ribs on a printed circuit board are used to
help increase these specifications.
INSULATION CHARACTERISTICS
over recommended operating conditions (unless otherwise noted)
PARAMETER(1)
TEST CONDITIONS
SPECIFICATION
UNIT
VIORM
Maximum working insulation voltage
566
VPEAK
Method a, After environmental tests subgroup 1,
VPR = VIORM x 1.6, t = 10 s,
906
Partial Discharge < 5 pC
Method b1,
Input-to-output test voltage per DIN EN
VPR
VPR = VIORM x 1.875, t = 1 s (100% Production test)
1062
VPEAK
60747-5-2
Partial discharge < 5 pC
After Input/Output safety test subgroup 2/3,
VPR = VIORM x 1.2, t = 10 s,
680
Partial discharge < 5 pC
VTEST = VIOTM
Transient overvoltage per DIN EN 60747-
VIOTM
t = 60 sec (qualification)
4242
VPEAK
5-2
t= 1 sec (100% production)
VTEST = VISO, t = 60 sec (qualification)
2500
VISO
Isolation voltage per UL 1577
VRMS
VTEST = 1.2 x VISO, t = 1 sec (100% production)
3000
RS
Insulation resistance
VIO = 500 V at TS
>109
Ω
Pollution degree
2
(1)
Climatic Classification 40/125/21
8
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :ISO7420FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com