Electronic Components Datasheet Search
  English  ▼

X  

ISO7420FCCDR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ISO7420FCCDR
Description  Low-Power Dual Channel Digital Isolator
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ISO7420FCCDR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ISO7420FCCDR Datasheet HTML 6Page - Texas Instruments ISO7420FCCDR Datasheet HTML 7Page - Texas Instruments ISO7420FCCDR Datasheet HTML 8Page - Texas Instruments ISO7420FCCDR Datasheet HTML 9Page - Texas Instruments ISO7420FCCDR Datasheet HTML 10Page - Texas Instruments ISO7420FCCDR Datasheet HTML 11Page - Texas Instruments ISO7420FCCDR Datasheet HTML 12Page - Texas Instruments ISO7420FCCDR Datasheet HTML 13Page - Texas Instruments ISO7420FCCDR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
Case Temparature (
ƒC)
C000
V
CC1 = VCC2 = 2.7 V
V
CC1 = VCC2 = 5.5 V
V
CC1 = VCC2 = 3.6 V
ISO7420FCC
SLLSED3A – JUNE 2013 – REVISED JULY 2013
www.ti.com
IEC SAFETY LIMITING VALUES
Safety limiting intends to prevent potential damage to the isolation barrier upon failure of input or output circuitry. A failure of
the I/O can allow low resistance to ground or the supply and, without current limiting, dissipate sufficient power to overheat
the die and damage the isolation barrier, potentially leading to secondary system failures.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
θJA = 115.1°C/W, VI = 5.5 V, TJ = 150°C, TA = 25°C
197
Safety input, output, or supply
IS
θJA = 115.1°C/W, VI = 3.6 V, TJ = 150°C, TA = 25°C
302
mA
current
θJA = 115.1°C/W, VI = 2.7 V, TJ = 150°C, TA = 25°C
402
TS
Maximum case temperature
150
°C
The safety-limiting constraint is the absolute-maximum junction temperature specified in the Absolute Maximum
Ratings table. The power dissipation and junction-to-air thermal impedance of the device installed in the
application hardware determines the junction temperature. The assumed junction-to-air thermal resistance in the
Thermal Information table is that of a device installed on a High-K Test Board for Leaded Surface-Mount
Packages. The power is the recommended maximum input voltage times the current. The junction temperature is
then the ambient temperature plus the power times the junction-to-air thermal resistance.
PACKAGE THERMAL CHARACTERISTICS
(over recommended operating conditions unless otherwise noted)
ISO7420
THERMAL METRIC(1)
D PACKAGE
UNITS
(8) PINS
θJA
Junction-to-ambient thermal resistance
115.1
θJCtop
Junction-to-case (top) thermal resistance
60.1
θJB
Junction-to-board thermal resistance
56.4
°C/W
ψJT
Junction-to-top characterization parameter
17.2
ψJB
Junction-to-board characterization parameter
55.8
θJCbot
Junction-to-case (bottom) thermal resistance
N/A
VCC1 = VCC2 = 5.5 V, TJ = 150°C, CL = 15 pF,
PD
Device power dissipation
120
mW
Input a 50-Mbps 50% duty-cycle square wave
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Figure 4.
θJC Thermal Derating Curve per DIN EN 60747-5-2
10
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links :ISO7420FCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com