Electronic Components Datasheet Search
  English  ▼

X  

AYF335135 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # AYF335135
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF335135 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  AYF335135 Datasheet HTML 1Page - Panasonic Semiconductor AYF335135 Datasheet HTML 2Page - Panasonic Semiconductor AYF335135 Datasheet HTML 3Page - Panasonic Semiconductor AYF335135 Datasheet HTML 4Page - Panasonic Semiconductor AYF335135 Datasheet HTML 5Page - Panasonic Semiconductor AYF335135 Datasheet HTML 6Page - Panasonic Semiconductor AYF335135 Datasheet HTML 7Page - Panasonic Semiconductor AYF335135 Datasheet HTML 8Page - Panasonic Semiconductor AYF335135 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
2. Material and surface treatment
DIMENSIONS (Unit: mm)
Y3B
Part name
Material
Surface treatment
Molded portion
Housing: LCP resin (UL94V-0)
Lever: LCP resin (UL94V-0)
—
Contact
Copper alloy
Contact portion; Base: Ni plating, Surface: Au plating
Terminal portion; Base: Ni plating, Surface: Au plating
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
(Contact)
The degree of
terminal flat
0.1
0.60
±0.10
(Terminal pitch)
0.30
±0.10 (Contact pitch)
0.60
±0.10 (Terminal pitch)
3.90
1.80
±0.20
1.80
±0.20
(0.10)
(0.10)
(3.15)
(1.35)
(FPC
insertion
depth)
2.95
2.95
(3.15)
(1.35)
(FPC
insertion
depth)
(0.10)
(0.10)
C
±0.20
B
±0.20
A
0.60
±0.10 (Terminal pitch)
0.30
±0.10 (Terminal pitch)
0.60
±0.10 (Terminal pitch)
0.1
(Contact)
Terminal
coplanarity
No. of pins: Odd number
No. of pins: Even number (8 pins)
Number of
pins/
dimension
A
B
C
7
3.60
1.80
1.20
9
4.20
2.40
1.80
11
4.80
3.00
2.40
13
5.40
3.60
3.00
15
6.00
4.20
3.60
17
6.60
4.80
4.20
21
7.80
6.00
5.40
23
8.40
6.60
6.00
25
9.00
7.20
6.60
27
9.60
7.80
7.20
31
10.80
9.00
8.40
33
11.40
9.60
9.00
35
12.00
10.20
9.60
37
12.60
10.80
10.20
39
13.20
11.40
10.80
45
15.00
13.20
12.60
51
16.80
15.00
14.40
61
19.80
18.00
17.40
CAD Data
CAD Data



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com