Electronic Components Datasheet Search
  English  ▼

X  

AYF335135 Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # AYF335135
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF335135 Datasheet(HTML) 5 Page - Panasonic Semiconductor

  AYF335135 Datasheet HTML 1Page - Panasonic Semiconductor AYF335135 Datasheet HTML 2Page - Panasonic Semiconductor AYF335135 Datasheet HTML 3Page - Panasonic Semiconductor AYF335135 Datasheet HTML 4Page - Panasonic Semiconductor AYF335135 Datasheet HTML 5Page - Panasonic Semiconductor AYF335135 Datasheet HTML 6Page - Panasonic Semiconductor AYF335135 Datasheet HTML 7Page - Panasonic Semiconductor AYF335135 Datasheet HTML 8Page - Panasonic Semiconductor AYF335135 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
AYF33
ACCTB47E 201303-T
DIMENSIONS (Unit: mm)
Y3BW
RECOMMENDED FPC DIMENSIONS
Y3BW
The CAD data of the products with a
CAD Data
mark can be downloaded from: http://industrial.panasonic.com/ac/e/
0.60
±0.10 (Contact pitch)
0.60
±0.10 (Contact pitch)
B
±0.20
Terminal coplanarity
(Contact and holding contact)
(0.10)
(3.15)
(2.95)
(1.35) (FPC insertion depth)
(0.10)
(0.10)
C
±0.20
D
±0.20
Holding contacts
(The holding contacts cannot be used as conductors.)
0.30
±0.10 (Contact pitch)
A
0.1
Number of pins/
dimension
A
B
C
D
11
5.40
3.00
2.40
3.60
25
9.60
7.20
6.60
7.80
51
17.40
15.00
14.40
15.60
General tolerance:
±0.3
CAD Data
A
±0.05
0.20
±0.03
B
±0.03
C
±0.03
0.60
±0.02 (Pitch)
0.60
±0.02 (Pitch)
0.20
±0.02
0.90
±0.07
0.60
±0.07
0.90
±0.07
0.30
±0.02 (Pitch)
0.10 max.
0.10 max.
0.60
±0.07
R0.20
0.30
(Contact width)
+0.04
−0.03
0.30
(Contact width)
+0.04
−0.03
0.45
+0.03
−0.05
Cutting direction
Cut FPC from the copper foil side
to the reinforcing plate side.
(Finished thickness: t = 0.2
±0.03)
The conductive parts should be based by Ni plating and then Au plating.
Number of pins/
dimension
A
B
C
11
4.20
3.00
2.40
25
8.40
7.20
6.60
51
16.20
15.00
14.40



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com