Electronic Components Datasheet Search
  English  ▼

X  

AYF335135 Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # AYF335135
Description  FPC connectors (0.3mm pitch) Back lock Y3B/Y3BW Series
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AYF335135 Datasheet(HTML) 9 Page - Panasonic Semiconductor

Back Button AYF335135 Datasheet HTML 2Page - Panasonic Semiconductor AYF335135 Datasheet HTML 3Page - Panasonic Semiconductor AYF335135 Datasheet HTML 4Page - Panasonic Semiconductor AYF335135 Datasheet HTML 5Page - Panasonic Semiconductor AYF335135 Datasheet HTML 6Page - Panasonic Semiconductor AYF335135 Datasheet HTML 7Page - Panasonic Semiconductor AYF335135 Datasheet HTML 8Page - Panasonic Semiconductor AYF335135 Datasheet HTML 9Page - Panasonic Semiconductor AYF335135 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
Notes on Using FPC Connectors
ACCTB13E 201303-T
■ Precautions for insertion/removal of FPC
<Front-Lock>
• To open the lever, hold its center and pull it up. An uneven load
applied to the lever on one side may deform and break the lever.
Do not apply an excessive load to the lever in the opening
direction, otherwise, the terminals may be deformed.
• Don’t further apply an excessive load to the fully opened lever;
otherwise, the lever may be deformed.
• Fully open the lever to insert an FPC.
• Since this product connects at the bottom, please insert the
FPC so that its electrode plane is facing the board to which it will
be mounted. Do not insert the FPC in the reverse direction of the
contact section; otherwise, operation failures or malfunctions
may be caused.
(Y3FT)
• This product has a structure to position an inserted FPC using
the FPC tabs.
Therefore, insert an FPC at an angle to the board. If the FPC is
inserted in the direction parallel to the board, the molded
positioning parts block the FPC, leading to incomplete insertion.
Do not insert the FPC at an excessive angle to the board.
Otherwise, it may cause the deformation of metal parts, FPC
insertion failures, and FPC circuit breakages.
(Y3F)
• Completely insert the FPC horizontally. Do not insert the FPC
at an excessive angle to the board. Otherwise, it may cause the
deformation of metal parts, FPC insertion failures, and FPC
circuit breakages.
• Insert the FPC to the full depth of the connector without
altering the angle.
• When closing the lever, carefully use the tip of your finger to
push the entire lever or both sides of it. If pressure to the lever is
applied unevenly, IE: only the edge, it may deform or break the
FPC. Make sure that the lever is closed completely. Not doing so
will cause a faulty connection.
• Avoid applying an excessive load to the top of the lever during
or after closing the lever. Otherwise, the terminals may be
deformed.
• Remove the FPC at an angle with the lever fully opened. If the
lever is closed, or if the FPC is forcedly pulled into a direction
parallel to the board, the molded part may break.
<Back-Lock>
• Avoid touching the lever (applying any external force) until an
FPC is inserted.
Do not open/close the lever without an FPC inserted. Failure to
follow this instruction will cause the contacts to warp, leading to
the contact tips to interfere with the insertion of an FPC,
deforming the terminals. Failure to follow this instruction may
cause the lever to be removed, terminals to be deformed, and/or
the FPC insertion force to increase.
• The FPC insertion section is on the opposite side of the lever.
Be careful not to make a mistake in the FPC insertion position or
the lever opening/closing position. Otherwise, a contact failure or
connector breakage may occur.
• Do not insert an FPC upside down. Inserting an FPC in a
direction opposite to that you intended may cause an operation
failure or malfunction.
• Insert an FPC with the lever opened at right angle, that is, in
the factory default position.
• Completely insert the FPC horizontally. An FPC inserted at an
excessive angle to the board may cause the deformation of
metal parts, FPC insertion failures, and FPC circuit breakages.
• Insert the FPC to the full depth of the connector without
altering the angle.
• Insert the FPC into the connector after checking the position of
FPC insertion slot and FPC. Do not insert the FPC without
positioning the FPC and connector. Otherwise, it may cause
connector breakages. When it is hard to insert the FPC, do not
insert the FPC on that condition. Confirm the FPC and
connector positioning.
• Do not apply an excessive load to the lever in the opening
direction beyond its open position; otherwise, the lever may be
deformed or removed.
• Do not apply an excessive load to the lever in a direction
perpendicular to the lever rotation axis or in the lever opening
direction; otherwise, the terminals may be deformed, and the
lever may be removed.
• To close the lever, turn down the lever by pressing the entire
lever or both sides of the lever with fingers tips. And close the
lever completely. Be careful not to apply partial load to the lever
that may cause its deformation or destruction.
Close the lever completely to prevent contact failure.
• If pressure to the lever is applied unevenly, it may deform or
break the FPC. Make sure that the lever is closed completely.
Not doing so will cause a faulty connection.
• Avoid applying an excessive load to the top of the lever during
or after closing the lever. Otherwise, the terminals may be
deformed.
• When opening the lever to remove the FPC, ensure that the
lever will not go over the initial position; otherwise, the lever may
be removed.
(140
°)
FPC
FPC positioning part
FPC
Without an FPC inserted



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com