Electronic Components Datasheet Search
  English  ▼

X  

ADL5545 Datasheet(PDF) 5 Page - Analog Devices

Part # ADL5545
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545 Datasheet(HTML) 5 Page - Analog Devices

  ADL5545 Datasheet HTML 1Page - Analog Devices ADL5545 Datasheet HTML 2Page - Analog Devices ADL5545 Datasheet HTML 3Page - Analog Devices ADL5545 Datasheet HTML 4Page - Analog Devices ADL5545 Datasheet HTML 5Page - Analog Devices ADL5545 Datasheet HTML 6Page - Analog Devices ADL5545 Datasheet HTML 7Page - Analog Devices ADL5545 Datasheet HTML 8Page - Analog Devices ADL5545 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Data Sheet
ADL5545
Rev. 0 | Page 5 of 20
TYPICAL SCATTERING PARAMETERS (S-PARAMETERS)
VPOS = 5 V and TA = 25°C. The effects of the test fixture have been deembedded up to the pins of the device.
Table 2.
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
30
0.262848
−47.6295
14.45259
177.5351
0.045367
11.15995
0.133274
−102.531
50
0.16114
−55.2231
15.15086
175.6394
0.045744
5.819622
0.089972
−123.652
100
0.093068
−77.639
15.78907
173.6613
0.045475
0.757324
0.064358
−143.775
200
0.068146
−108.37
16.02686
168.5803
0.044902
−3.04168
0.054958
−149.301
300
0.072583
−127.99
16.07148
163.4185
0.044363
−5.34172
0.061241
−149.444
400
0.077593
−139.813
15.98431
157.8149
0.043939
−7.0452
0.068816
−152.411
500
0.090466
−156.112
16.05625
152.0089
0.043468
−8.71529
0.078388
−156.801
600
0.088983
−163.801
15.87255
146.3219
0.043343
−9.99294
0.082927
−161.395
700
0.092819
−165.254
15.53395
140.6962
0.043126
−11.4604
0.091705
−165.732
800
0.095784
−171.948
15.36561
135.1523
0.043134
−12.7678
0.095819
−170.208
900
0.102604
−179.011
15.24074
129.5742
0.042992
−14.1595
0.105012
−174.57
1000
0.09546
−179.149
14.88376
124.1535
0.043208
−15.412
0.10382
−176.858
1100
0.103295
174.7787
14.70169
118.6387
0.043095
−16.7459
0.111433
178.3385
1200
0.093216
179.0039
14.34868
113.3993
0.043512
−18.1192
0.109622
178.9569
1300
0.098569
176.2059
14.27985
108.0531
0.043553
−19.5857
0.11369
175.9297
1400
0.102425
179.6522
14.03556
102.9911
0.043723
−21.2064
0.11632
175.6884
1500
0.101141
−178.753
13.78558
97.78215
0.04388
−22.6683
0.116498
174.9498
1600
0.104256
−174.192
13.71874
92.56152
0.044204
−24.4303
0.117977
174.9185
1700
0.107955
−170.745
13.57927
87.51542
0.044342
−25.9244
0.117231
175.8795
1800
0.116255
−160.02
13.29429
82.68712
0.044789
−27.8402
0.119281
−179.561
1900
0.120964
−156.118
13.17331
77.73154
0.045028
−29.4276
0.119431
−177.054
2000
0.134422
−148.939
12.91149
72.88006
0.045414
−31.4216
0.122578
−171.248
2100
0.144804
−145.439
12.80398
67.92418
0.045764
−33.3004
0.125497
−165.568
2200
0.152409
−141.698
12.59211
63.00376
0.046097
−35.0534
0.127437
−159.324
2300
0.172904
−137.298
12.25861
58.39029
0.046511
−37.1505
0.133391
−152.405
2400
0.182797
−136.054
12.16048
53.61962
0.046875
−39.1307
0.138487
−146.315
2500
0.194182
−134.876
11.93425
48.88951
0.047094
−41.1358
0.142416
−141.232
2600
0.214678
−133.689
11.59419
44.30914
0.04742
−43.3517
0.149636
−137.023
2700
0.224862
−133.954
11.45006
39.79969
0.04771
−45.3525
0.152783
−133.92
2800
0.237618
−134.459
11.20878
35.26209
0.047939
−47.5024
0.156654
−132.6
2900
0.254998
−135.366
10.94307
30.79007
0.048142
−49.8763
0.161272
−133.403
3000
0.259741
−136.415
10.818
26.20347
0.048485
−51.8757
0.163889
−134.121
3100
0.268457
−138.409
10.55454
21.74989
0.048594
−54.1577
0.167361
−137.318
3200
0.279771
−140.41
10.33472
17.30951
0.048847
−56.5108
0.17422
−140.652
3300
0.280296
−142.8
10.20153
12.84427
0.049022
−58.6503
0.180631
−143.308
3400
0.289458
−145.933
10.00319
8.513198
0.049204
−61.003
0.191885
−147.598
3500
0.295282
−149.389
9.830752
4.094389
0.0494
−63.3968
0.201435
−151.432
3600
0.299935
−152.81
9.708636
−0.51683
0.049578
−65.7102
0.210887
−154.16
3700
0.308557
−156.47
9.552554
−4.89998
0.049752
−68.2673
0.220513
−157.585
3800
0.322587
−159.819
9.356577
−9.27746
0.049957
−70.7703
0.230421
−160.673
3900
0.331813
−163.085
9.236345
−13.8743
0.050078
−73.2644
0.239419
−163.74
4000
0.349624
−166.445
9.030995
−18.073
0.050214
−75.9969
0.250879
−167.215
4100
0.364557
−169.126
8.880835
−22.5061
0.050314
−78.5494
0.263277
−170.404
4200
0.373416
−172.227
8.75356
−26.9943
0.050299
−81.1499
0.277221
−173.285
4300
0.387883
−175.007
8.52107
−31.2568
0.050336
−83.8987
0.293719
−175.814
4400
0.393838
−177.914
8.396822
−35.6516
0.050379
−86.5744
0.310153
−177.48
4500
0.397031
178.8178
8.269613
−39.9908
0.050311
−89.3666
0.326031
−178.445



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com