Electronic Components Datasheet Search
  English  ▼

X  

ADL5545 Datasheet(PDF) 9 Page - Analog Devices

Part # ADL5545
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADL5545 Datasheet HTML 5Page - Analog Devices ADL5545 Datasheet HTML 6Page - Analog Devices ADL5545 Datasheet HTML 7Page - Analog Devices ADL5545 Datasheet HTML 8Page - Analog Devices ADL5545 Datasheet HTML 9Page - Analog Devices ADL5545 Datasheet HTML 10Page - Analog Devices ADL5545 Datasheet HTML 11Page - Analog Devices ADL5545 Datasheet HTML 12Page - Analog Devices ADL5545 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Data Sheet
ADL5545
Rev. 0 | Page 9 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
500 MHz TO 4 GHz FREQUENCY BAND
40
35
30
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
NOISE FIGURE
GAIN
P1dB
OIP3
Figure 3. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency
25
24
23
22
21
20
19
18
17
16
15
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
+25°C
+85°C
+105°C
–40°C
Figure 4. Gain vs. Frequency and Temperature
40
35
30
25
20
15
10
40
35
30
25
20
15
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
+25°C
+85°C
+105°C
–40°C
+25°C
+85°C
+105°C
–40°C
Figure 5. P1dB and OIP3 vs. Frequency and Temperature
45
40
35
30
25
20
–5.0
5.0
2.5
0
–2.5
POUT PER TONE (dBm)
700MHz
900MHz
1900MHz
4000MHz
2140MHz
2600MHz
3500MHz
Figure 6. OIP3 vs. Output Power (POUT) and Frequency
0
–35
–30
–25
–20
–15
–10
–5
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
S12
S11
S22
Figure 7. Input Return Loss (S11), Output Return Loss (S22),
and Reverse Isolation (S12) vs. Frequency
6.0
5.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
FREQUENCY (GHz)
+25°C
+85°C
–40°C
+105°C
Figure 8. Noise Figure vs. Frequency and Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com