Electronic Components Datasheet Search
  English  ▼

X  

ADL5545 Datasheet(PDF) 6 Page - Analog Devices

Part # ADL5545
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADL5545 Datasheet HTML 2Page - Analog Devices ADL5545 Datasheet HTML 3Page - Analog Devices ADL5545 Datasheet HTML 4Page - Analog Devices ADL5545 Datasheet HTML 5Page - Analog Devices ADL5545 Datasheet HTML 6Page - Analog Devices ADL5545 Datasheet HTML 7Page - Analog Devices ADL5545 Datasheet HTML 8Page - Analog Devices ADL5545 Datasheet HTML 9Page - Analog Devices ADL5545 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
ADL5545
Data Sheet
Rev. 0 | Page 6 of 20
Frequency
(MHz)
S11
S21
S12
S22
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
Magnitude (dB)
Angle (°)
4600
0.403438
175.5599
8.049058
−44.1889
0.050324
−92.3473
0.340214
−178.955
4700
0.401499
171.8158
7.964614
−48.7045
0.050239
−95.0828
0.350676
−178.928
4800
0.402691
167.514
7.806924
−53.0729
0.050117
−98.0907
0.356655
−179.069
4900
0.406951
163.0433
7.595136
−57.4387
0.049987
−101.172
0.357806
−179.375
5000
0.406358
157.9584
7.49582
−61.8963
0.049721
−103.942
0.354643
−179.768
5100
0.411878
152.676
7.317407
−66.1646
0.049487
−107.027
0.348613
178.5262
5200
0.419117
147.3732
7.122278
−70.4926
0.049173
−110.061
0.341386
175.9255
5300
0.424908
141.8343
6.989999
−74.8425
0.048744
−112.912
0.335864
172.3498
5400
0.436811
136.4786
6.79254
−79.1925
0.048313
−116.144
0.334212
167.6101
5500
0.448229
131.1618
6.608538
−83.5489
0.047742
−119.197
0.337723
162.7581
5600
0.458741
125.8601
6.460463
−87.804
0.047224
−122.079
0.346452
158.0309
5700
0.476482
121.0845
6.279033
−92.0021
0.046819
−125.265
0.359399
153.2462
5800
0.493574
116.483
6.126505
−96.2338
0.046407
−128.278
0.372718
149.2789
5900
0.510235
112.0889
6.015478
−100.445
0.046071
−131.302
0.385573
145.8469
6000
0.529772
108.3059
5.87094
−104.55
0.045766
−134.468
0.395866
142.478



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com