Electronic Components Datasheet Search
  English  ▼

X  

ADL5545 Datasheet(PDF) 16 Page - Analog Devices

Part # ADL5545
Description  30 MHz to 6 GHz RF/IF Gain Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5545 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADL5545 Datasheet HTML 12Page - Analog Devices ADL5545 Datasheet HTML 13Page - Analog Devices ADL5545 Datasheet HTML 14Page - Analog Devices ADL5545 Datasheet HTML 15Page - Analog Devices ADL5545 Datasheet HTML 16Page - Analog Devices ADL5545 Datasheet HTML 17Page - Analog Devices ADL5545 Datasheet HTML 18Page - Analog Devices ADL5545 Datasheet HTML 19Page - Analog Devices ADL5545 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
ADL5545
Data Sheet
Rev. 0 | Page 16 of 20
OPERATION DOWN TO 30 MHz
To operate the ADL5545 at frequencies below 100 MHz, a feed-
back network must be implemented between the input and output
ports of the device to ensure stability. Figure 34 shows a sample
configuration used to evaluate the device at frequencies below
100 MHz. Figure 35 to Figure 37 demonstrate the performance
of the device in this configuration.
1
2
(2)
3
ADL5545
L1
1000nH
VPOS
GND
RFIN
C1
100nF
RFOUT
C2
100nF
C6
10µF
C5
1nF
C4
100pF
RF
1500Ω
CF
10nF
Figure 34. Setup for Low Frequency Operation Down to 30 MHz
40
35
0
5
10
15
20
25
30
30
40
50
60
70
80
90
100
FREQUENCY (MHz)
P1dB
OIP3
GAIN
NOISE FIGURE
Figure 35. Noise Figure, Gain, P1dB, and OIP3 vs. Frequency,
30 MHz to 100 MHz
0
–5
–10
–15
–20
–35
–30
–25
30
40
50
60
70
80
90
100
FREQUENCY (MHz)
S12
S22
S11
Figure 36. Return Loss and Reverse Isolation, 30 MHz to 100 MHz
32
31
30
29
28
27
26
–7
–5
–3
1
–1
POUT PER TONE (dBm)
+85°C
+105°C
–40°C
+25°C
Figure 37. OIP3 vs. POUT at 30 MHz
W-CDMA ACPR PERFORMANCE
Figure 38 shows a plot of the adjacent channel power ratio
(ACPR) vs. POUT for the ADL5545. The signal type used is a
single wideband code division multiple access (W-CDMA)
carrier (Test Model 1-64) at 2140 MHz. This signal is generated
by a very low ACPR source. ACPR is measured at the output by
a high dynamic range spectrum analyzer that incorporates an
instrument noise-correction function.
0
–80
–70
–60
–50
–40
–30
–20
–10
–20
–15
–10
–5
0
5
POUT (dBm)
Figure 38. ACPR vs. POUT, Single W-CDMA Carrier (Test Model 1-64)
at 2140 MHz
The ADL5545 achieves an ACPR of −79 dBc at an output power
level of −4 dBm, at which point device noise and not distortion
begins to dominate the power in the adjacent channels. At an
output power level of 0 dBm, ACPR is still very low at −69 dBc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com