Electronic Components Datasheet Search
  English  ▼

X  

AD7961 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7961
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7961 Datasheet(HTML) 4 Page - Analog Devices

  AD7961 Datasheet HTML 1Page - Analog Devices AD7961 Datasheet HTML 2Page - Analog Devices AD7961 Datasheet HTML 3Page - Analog Devices AD7961 Datasheet HTML 4Page - Analog Devices AD7961 Datasheet HTML 5Page - Analog Devices AD7961 Datasheet HTML 6Page - Analog Devices AD7961 Datasheet HTML 7Page - Analog Devices AD7961 Datasheet HTML 8Page - Analog Devices AD7961 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 4 of 24
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
VCM PIN
VCM Output
REF/2
VCM Error
−0.01
+0.01
V
Output Impedance
5.1
kΩ
LVDS I/O (ANSI-644)
Data Format
Serial LVDS twos complement
Differential Output Voltage, VOD
RL = 100 Ω
245
290
454
mV
Common-Mode Output Voltage, VOCM
RL = 100 Ω
9805
1130
1375
mV
Differential Input Voltage, VID
100
650
mV
Common-Mode Input Voltage, VICM
800
1575
mV
POWER SUPPLIES
Specified Performance
VDD1
4.75
5
5.25
V
VDD2
1.71
1.8
1.89
V
VIO
1.71
1.8
1.89
V
Operating Currents6
Static—Not Converting, Internal
Reference Buffer Disabled
Self clocked mode, CNV± in
CMOS mode7
VDD1
8
40
µA
VDD2
8
70
µA
VIO
5
5.3
mA
Static—Not Converting, Internal
Reference Buffer Enabled
Self clocked mode, CNV± in
CMOS mode7
VDD1
2.6
2.9
mA
VDD2
9
72
µA
VIO
4.4
5.3
mA
Converting: Internal Reference Buffer
Disabled
Echoed clock mode, CNV± in
LVDS mode
VDD1
2
2.2
mA
VDD2
11.4
13.5
mA
VIO
9
10.3
mA
Converting: Internal Reference Buffer
Enabled
Echoed clock mode, CNV± in
LVDS mode
VDD1
5.6
6
mA
VDD2
11.4
13.5
mA
VIO
9
10.3
mA
Converting: Internal Reference Buffer
Disabled
Self clocked mode, CNV± in
CMOS mode7
VDD1
2
2.2
mA
VDD2
11.4
13.5
mA
VIO
4.9
5.6
mA
Snooze Mode
VDD1
2
4.1
µA
VDD2
1
40.3
µA
VIO
0.1
4.8
µA
Power-Down
EN3 to EN0 = X000
VDD1
1
2.8
µA
VDD2
1
37.8
µA
VIO
0.2
4.6
µA
Power Dissipation
Static—Not Converting, Internal
Reference Buffer Disabled
Self clocked mode, CNV± in
CMOS mode7
9
10.3
mW
Static—Not Converting, Internal
Reference Buffer Enabled
Self clocked mode, CNV± in
CMOS mode7
21
25
mW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com