Electronic Components Datasheet Search
  English  ▼

X  

AD7961 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7961
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7961 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7961 Datasheet HTML 14Page - Analog Devices AD7961 Datasheet HTML 15Page - Analog Devices AD7961 Datasheet HTML 16Page - Analog Devices AD7961 Datasheet HTML 17Page - Analog Devices AD7961 Datasheet HTML 18Page - Analog Devices AD7961 Datasheet HTML 19Page - Analog Devices AD7961 Datasheet HTML 20Page - Analog Devices AD7961 Datasheet HTML 21Page - Analog Devices AD7961 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7960
Data Sheet
Rev. 0 | Page 18 of 24
POWER SUPPLY
The AD7960 uses both 5 V (VDD1) and 1.8 V (VDD2) power
supplies, as well as a digital input/output interface supply (VIO).
Drive the EN3 to EN0 pins with a 1.8 V logic level. VIO and
VDD2 can be taken from the same 1.8 V source; however, it is
best practice to isolate the VIO and VDD2 pins using separate
traces as well as to decouple each pin separately.
The 5 V and 1.8 V supplies required for the AD7960 can be
generated using Analog Devices, Inc., LDOs such as the
ADP7104-5 and the ADP124-1.8. Figure 33 shows the PSRR vs.
supply frequency of the AD7960. The AD7960 core power
scales with throughput as shown in Figure 34, offering
significant power budget savings at lower speed operation.
Figure 33. PSRR vs. Supply Frequency
Power-Up
As is best practice for all ADCs, power on the core supplies
prior to applying an external reference (where applicable).
Apply the analog inputs last.
When powering up the AD7960 device, first apply 1.8 V (VDD2,
VIO) to the device, then ramp 5 V (VDD1). Set the reference
configuration pins, EN0, EN1, and EN2, to the correct values.
When an internal reference buffer is used (governed by the EN1
and EN0 values), apply the external reference of 2.048 V to the
REFIN pin or 5 V/4.096 V to the REF pin.
Figure 34. ADC Core Power Dissipation vs. Throughput, Self Clocked Mode,
CNV± in CMOS Mode, Internal Reference Buffer Disabled
40
50
60
70
80
90
100
110
100
1k
10k
100k
1M
FREQUENCY (Hz)
VDD2 = 1.8V
VIO = 1.8V
VDD1 = 5V
0
5
10
15
20
25
30
35
40
45
0
1
2
3
4
5
THROUGHPUT (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com