Electronic Components Datasheet Search
  English  ▼

X  

AD7961 Datasheet(PDF) 9 Page - Analog Devices

Part # AD7961
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7961 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD7961 Datasheet HTML 5Page - Analog Devices AD7961 Datasheet HTML 6Page - Analog Devices AD7961 Datasheet HTML 7Page - Analog Devices AD7961 Datasheet HTML 8Page - Analog Devices AD7961 Datasheet HTML 9Page - Analog Devices AD7961 Datasheet HTML 10Page - Analog Devices AD7961 Datasheet HTML 11Page - Analog Devices AD7961 Datasheet HTML 12Page - Analog Devices AD7961 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
Data Sheet
AD7960
Rev. 0 | Page 9 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
VDD1 = 5 V; VDD2 = 1.8 V; VIO = 1.8 V; all specifications T = 25°C, unless otherwise noted.
Figure 5. Integral Nonlinearity vs. Code and Temperature, REF = 5 V
Figure 6. Integral Nonlinearity vs. Code and Temperature, REF = 4.096 V
Figure 7. Histogram of DC Input at Code Center, REF = 5 V
Figure 8. Differential Nonlinearity vs. Code and Temperature, REF = 5 V
Figure 9. Differential Nonlinearity vs. Code and Temperature, REF = 4.096 V
Figure 10. Histogram of DC Input at Code Transition, REF = 5 V
CODE
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
50000
100000
150000
200000
250000
–40°C
+25°C
+85°C
–1.00
–0.75
–0.50
–0.25
0
0.25
0.50
0.75
1.00
0
50000
100000
150000
200000
250000
CODE
–40°C
+25°C
+85°C
203
5909
59315
263386
574212
731453
299523
76526
8878
464
6
0
200000
400000
600000
800000
66DB 66DC 66DD 66DE 66DF 66E0 66E1 66E2 66E3 66E4 66E5 66E6
CODE (HEX)
601563
–0.50
–0.25
0
0.25
0.50
0
50000
100000
150000
200000
250000
CODE
–40°C
+25°C
+85°C
CODE
–0.50
–0.25
0.25
0.50
0
50000
100000
150000
200000
250000
–40°C
+25°C
+85°C
0
200000
400000
600000
800000
66DB
66DC
66DD
66DE
66DF
66E0
66E1
66E2
66E3
66E4
66E5
66E7
66E6
29
1254
2213
64
1
CODE (HEX)
20298
137500
417791
167625
29231
460940
682452
702042



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com