Electronic Components Datasheet Search
  English  ▼

X  

AD7961 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7961
Description  18-Bit, 5 MSPS PulSAR Differential ADC
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7961 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7961 Datasheet HTML 13Page - Analog Devices AD7961 Datasheet HTML 14Page - Analog Devices AD7961 Datasheet HTML 15Page - Analog Devices AD7961 Datasheet HTML 16Page - Analog Devices AD7961 Datasheet HTML 17Page - Analog Devices AD7961 Datasheet HTML 18Page - Analog Devices AD7961 Datasheet HTML 19Page - Analog Devices AD7961 Datasheet HTML 20Page - Analog Devices AD7961 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Data Sheet
AD7960
Rev. 0 | Page 17 of 24
Table 8. Voltage Reference Options
EN3
EN2
EN1
EN0
REFIN
Reference Mode Description
X1
0
0
0
X1
Power-down mode. Everything is powered down, including the LVDS interface.
X1
0
0
1
0 V
Interface powered up. Reference buffer disabled. An external 5 V reference is applied to the REF pin.
Connect REFIN to 0 V in this mode. The bandwidth of the input sampling network is set to 28 MHz.
X1
0
0
1
2.048 V
Internal reference buffer enabled. An external 2.048 V reference applied to REFIN pin is required. A
buffered 4.096 V reference is available on the REF pin. The bandwidth of the input sampling
network is set to 28 MHz.
X1
0
1
0
0 V
Internal reference buffer disabled. Drive the REF pins with a 4.096 V external reference. Connect
REFIN to 0 V in this mode. The bandwidth of the input sampling network is set to 28 MHz.
X1
0
1
1
0 V
Snooze mode.2 LVDS powers down. The chip is unresponsive to CNV± start pulses. The wake-up
time is fast (5 µs) when EN3 to EN0 are set to XX01 or XX10. Ensure that the CNV± start pulse is low
when transitioning in and out of this mode.
0
1
0
0
X1
Test patterns output on LVDS. The ADC output is not available on the interface.
1
1
0
0
X1
Invalid mode.
X1
1
0
1
0 V
Reference buffer disabled. Drive the REF pins with a 5 V external reference. The bandwidth of the
input sampling network is set to narrow (9 MHz).
X1
1
0
1
2.048 V
Internal reference buffer enabled and driving REF pin to 4.096 V. The bandwidth of the input
sampling network is set to narrow (9 MHz).
X1
1
1
0
0 V
Reference buffer disabled. Drive the REF pins with a 4.096 V external reference. The bandwidth of
the input sampling network is set to narrow (9 MHz).
X1
1
1
1
0 V
Snooze mode.2 LVDS powers down. The chip is unresponsive to CNV± start pulses. The wake-up
time is fast (5 µs) when EN3 to EN0 are set to XX01 or XX10.
1
X = don’t care.
2
The snooze mode is not useful when the internal reference buffer is used because the fast wake-up is not possible due to the settling of the internal reference buffer.
VOLTAGE REFERENCE OPTIONS
The AD7960 allows buffering of the reference voltage. The
AD7960 conversions are referred to a 5 V or 4.096 V reference
voltage. There are three options for using an external reference.
•
Externally buffered reference source of 5 V applied to the
REF pin.
•
Externally buffered reference source of 4.096 V applied to
the REF pin.
•
External reference of 2.048 V applied to the REFIN pin
(high impedance input). The on-chip buffer gains this by 2
and drives the REF pin with 4.096 V.
The recommended external references for the AD7960 are the
ADR4520/ADR4540/ADR4550 and ADR440/ADR444/ADR445.
The various options for creating this reference are controlled
by the EN1 and EN0 pins (see Table 8). The −3 dB input
bandwidth is controlled by EN2. EN2 = 0 sets a −3 dB input
bandwidth of 28 MHz, and EN2 = 1 sets a −3 dB input
bandwidth of 9 MHz. Use this lower bandwidth (9 MHz) only
when the sample rate is 2 MSPS or lower. EN3 = 1 enables the
VCM reference output, and EN3 = 0 disables the VCM
reference output voltage. The best SNR and dynamic range
performance is achieved by using the larger 5 V external voltage
reference option. The improvement achieved is approximately
1.7 dB and is calculated using the following equation:
=
0
.
5
096
.
4
log
20
SNR
Wake-Up Time from Power-Down and Snooze Modes
The AD7960 powers down when EN3 to EN0 = X000 and
operates in snooze mode when EN3 to EN0 = XX11 using the
correct reference choice as shown in Table 8. Typical wake-up
times for the selected reference settings from power-down and
snooze mode are shown in Table 9 and Table 10. Each wake-up
time represents the duration from the EN3 to EN0 logic
transition to when the ADC is ready for a CNV± rising edge.
For example, the user must wait 1.4 ms from power-down
before applying CNV± pulses to receive data conversion results
when using REFIN = 0 V.
Table 9. Wake-Up Time from Power-Down Mode, EN3 to
EN0 = X000
To Active Mode
Wake-Up Time
EN3 to EN0 = XX01, REFIN = 0 V
1.4 ms
EN3 to EN0 = XX01, REFIN = 2.048 V
8 ms
EN3 to EN0 = XX10, REFIN = 0 V
1.4 ms
Table 10. Wake-Up Time from Snooze Mode, EN3 to EN0 =
XX11
To Active Mode
Wake-Up Time
EN3 to EN0 = XX01, REFIN = 0 V
5 µs
EN3 to EN0 = XX01, REFIN = 2.048 V
8 ms
EN3 to EN0 = XX10, REFIN = 0 V
5 µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com