Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 41 Page - ATMEL Corporation

Part # AT90CAN128
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 41 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 37Page - ATMEL Corporation AT90CAN128 Datasheet HTML 38Page - ATMEL Corporation AT90CAN128 Datasheet HTML 39Page - ATMEL Corporation AT90CAN128 Datasheet HTML 40Page - ATMEL Corporation AT90CAN128 Datasheet HTML 41Page - ATMEL Corporation AT90CAN128 Datasheet HTML 42Page - ATMEL Corporation AT90CAN128 Datasheet HTML 43Page - ATMEL Corporation AT90CAN128 Datasheet HTML 44Page - ATMEL Corporation AT90CAN128 Datasheet HTML 45Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 431 page
background image
41
7682C–AUTO–04/08
AT90CAN32/64/128
When this Oscillator is selected, start-up times are determined by the SUT1..0 fuses as shown in
Table 5-5 and CKSEL1..0 fuses as shown in Table 5-6.
Note:
1. These options should only be used if frequency stability at start-up is not important for the
application
5.6
Calibrated Internal RC Oscillator
The calibrated internal RC Oscillator provides a fixed 8.0 MHz clock. The frequency is nominal
value at 3V and 25°C. If 8 MHz frequency exceeds the specification of the device (depends on
VCC), the CKDIV8 Fuse must be programmed in order to divide the internal frequency by 8 dur-
ing start-up. The device is shipped with the CKDIV8 Fuse programmed. See “System Clock
Prescaler” on page 44. for more details. This clock may be selected as the system clock by pro-
gramming the CKSEL Fuses as shown in Table 5-7. If selected, it will operate with no external
components. During reset, hardware loads the calibration byte into the OSCCAL Register and
thereby automatically calibrates the RC Oscillator. At 5V and 25°C, this calibration gives a fre-
quency within ± 10% of the nominal frequency. Using calibration methods as described in
application notes available at www.atmel.com/avr it is possible to achieve ± 2% accuracy at any
given VCC and temperature. When this Oscillator is used as the chip clock, the Watchdog Oscil-
lator will still be used for the Watchdog Timer and for the Reset Time-out. For more information
on the pre-programmed calibration value, see the section “Calibration Byte” on page 338.
Note:
1. The device is shipped with this option selected.
Table 5-5.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
SUT1..0
Additional Delay from Reset (VCC = 5.0V)
Recommended Usage
00
14 CK
Fast rising power or BOD enabled
01
14 CK + 4.1 ms
Slowly rising power
10
14 CK + 65 ms
Stable frequency at start-up
11
Reserved
Table 5-6.
Start-up Times for the Low-frequency Crystal Oscillator Clock Selection
CKSEL3..0
Start-up Time from
Power-down and Power-save
Recommended Usage
0100(1)
1K CK
0101
32K CK
Stable frequency at start-up
0110(1)
1K CK
0111
32K CK
Stable frequency at start-up
Table 5-7.
Internal Calibrated RC Oscillator Operating Modes(1)
CKSEL3..0
Nominal Frequency
0010
8.0 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com