Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 52 Page - ATMEL Corporation

Part # AT90CAN128
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 52 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 48Page - ATMEL Corporation AT90CAN128 Datasheet HTML 49Page - ATMEL Corporation AT90CAN128 Datasheet HTML 50Page - ATMEL Corporation AT90CAN128 Datasheet HTML 51Page - ATMEL Corporation AT90CAN128 Datasheet HTML 52Page - ATMEL Corporation AT90CAN128 Datasheet HTML 53Page - ATMEL Corporation AT90CAN128 Datasheet HTML 54Page - ATMEL Corporation AT90CAN128 Datasheet HTML 55Page - ATMEL Corporation AT90CAN128 Datasheet HTML 56Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 431 page
background image
52
7682C–AUTO–04/08
AT90CAN32/64/128
Figure 7-1.
Reset Logic
Notes:
1. The Power-on Reset will not work unless the supply voltage has been below VPOR.
2. Data from design simulation.
If these conditions are not met, use of an external reset is recommended.
7.1.3
Power-on Reset
A Power-on Reset (POR) pulse is generated by an On-chip detection circuit. The detection level
is defined in Table 7-1. The POR is activated whenever VCC is below the detection level. The
POR circuit can be used to trigger the start-up Reset, as well as to detect a failure in supply
voltage.
A Power-on Reset (POR) circuit ensures that the device is properly reset from Power-on if VCC
started from VPOR with a rise rate upper than VCCRR. Reaching the Power-on Reset threshold
voltage invokes the delay counter, which determines how long the device is kept in RESET after
MCU
Status
Register
(MCUSR)
Brown-out
Reset
Circuit
BODLEVEL
[2..0]
Delay
Counters
CKSEL[3:0]
CK
TIMEOUT
DA
T
A
BUS
Clock
Generator
Spike
Filter
Pull-up
Resistor
JT
AG
Reset
Register
Watchdog
Oscillator
SUT[1:0]
Power-on
Reset
Circuit
Table 7-1.
Reset Characteristics
Symbol
Parameter
Condition
Min.
Typ.
Max.
Units
VPOT
Power-on Reset Threshold Voltage (rising)
1.4
2.3
V
Power-on Reset Threshold Voltage (falling)(1)
1.3
2.3
V
VPOR
VCC Start Voltage to ensure
internal Power-on Reset signal
-0.05
GND (2)
0.05(2)
V
VCCRR
VCC Rise Rate to ensure
internal Power-on Reset signal
0.3 (2)
V/ms
VRST
RESET Pin Threshold Voltage
0.2
VCC
0.85
VCC
V
tRST
Minimum pulse width on RESET Pin
Vcc = 5 V, temperature = 25 °C
400
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com