Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 53 Page - ATMEL Corporation

Part # AT90CAN128
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 53 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 49Page - ATMEL Corporation AT90CAN128 Datasheet HTML 50Page - ATMEL Corporation AT90CAN128 Datasheet HTML 51Page - ATMEL Corporation AT90CAN128 Datasheet HTML 52Page - ATMEL Corporation AT90CAN128 Datasheet HTML 53Page - ATMEL Corporation AT90CAN128 Datasheet HTML 54Page - ATMEL Corporation AT90CAN128 Datasheet HTML 55Page - ATMEL Corporation AT90CAN128 Datasheet HTML 56Page - ATMEL Corporation AT90CAN128 Datasheet HTML 57Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 431 page
background image
53
7682C–AUTO–04/08
AT90CAN32/64/128
VCC rise. The RESET signal is activated again, without any delay, when VCC decreases below
the detection level.
Figure 7-2.
MCU Start-up, RESET Tied to VCC
Figure 7-3.
MCU Start-up, RESET Extended Externally
Note:
If VPOR or VCCRR parameter range can not be followed, an External Reset is required.
7.1.4
External Reset
An External Reset is generated by a low level on the RESET pin. Reset pulses longer than the
minimum pulse width (see Table 7-1) will generate a reset, even if the clock is not running.
Shorter pulses are not guaranteed to generate a reset. When the applied signal reaches the
Reset Threshold Voltage – VRST – on its positive edge, the delay counter starts the MCU after
the Time-out period – tTOUT – has expired.
V
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
POT
V
POR
CC
VCCRR
VCCRR
V
RESET
TIME-OUT
INTERNAL
RESET
t
TOUT
V
RST
V
POR
CC
VDDRR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com