Electronic Components Datasheet Search
  English  ▼

X  

AT90CAN128 Datasheet(PDF) 55 Page - ATMEL Corporation

Part # AT90CAN128
Description  8-bit Microcontroller with 32K/64K/128K Bytes of ISP Flash and CAN Controller
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90CAN128 Datasheet(HTML) 55 Page - ATMEL Corporation

Back Button AT90CAN128 Datasheet HTML 51Page - ATMEL Corporation AT90CAN128 Datasheet HTML 52Page - ATMEL Corporation AT90CAN128 Datasheet HTML 53Page - ATMEL Corporation AT90CAN128 Datasheet HTML 54Page - ATMEL Corporation AT90CAN128 Datasheet HTML 55Page - ATMEL Corporation AT90CAN128 Datasheet HTML 56Page - ATMEL Corporation AT90CAN128 Datasheet HTML 57Page - ATMEL Corporation AT90CAN128 Datasheet HTML 58Page - ATMEL Corporation AT90CAN128 Datasheet HTML 59Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 431 page
background image
55
7682C–AUTO–04/08
AT90CAN32/64/128
When the BOD is enabled, and VCC decreases to a value below the trigger level (VBOT- in Figure
7-5), the Brown-out Reset is immediately activated. When VCC increases above the trigger level
(VBOT+ in Figure 7-5), the delay counter starts the MCU after the Time-out period tTOUT has
expired.
The BOD circuit will only detect a drop in VCC if the voltage stays below the trigger level for
longer than tBOD given in Table 7-1.
Figure 7-5.
Brown-out Reset During Operation
7.1.6
Watchdog Reset
When the Watchdog times out, it will generate a short reset pulse of one CK cycle duration. On
the falling edge of this pulse, the delay timer starts counting the Time-out period tTOUT. Refer to
page 57 for details on operation of the Watchdog Timer.
Figure 7-6.
Watchdog Reset During Operation
7.1.7
MCU Status Register – MCUSR
The MCU Status Register provides information on which reset source caused an MCU reset.
VCC
RESET
TIME-OUT
INTERNAL
RESET
VBOT-
VBOT+
tTOUT
CK
CC
Bit
7
6
5
4
3
2
1
0
–
–
–
JTRF
WDRF
BORF
EXTRF
PORF
MCUSR
Read/Write
R
R
R
R/W
R/W
R/W
R/W
R/W
Initial Value
0
0
0
See Bit Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com