Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 5 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 5 Page - Analog Devices

  AD7150 Datasheet HTML 1Page - Analog Devices AD7150 Datasheet HTML 2Page - Analog Devices AD7150 Datasheet HTML 3Page - Analog Devices AD7150 Datasheet HTML 4Page - Analog Devices AD7150 Datasheet HTML 5Page - Analog Devices AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD7150
Rev. 0 | Page 5 of 28
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Positive Supply Voltage VDD to GND
0.3 V to +3.9 V
Voltage on Any Input or Output to GND
–0.3 V to VDD + 0.3 V
ESD Rating HBM
(ESD Association Human Body Model, S5.1)
4 kV
ESD Rating FICDM
(Field-Inducted Charged Device Model)
1 kV
Operating Temperature Range
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Maximum Junction Temperature
150°C
MSOP Package
θ
JA
, Thermal Impedance-to-Air
θ
JC
, Thermal Impedance-to-Case
206°C/W
44°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com