Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 25 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD7150 Datasheet HTML 20Page - Analog Devices AD7150 Datasheet HTML 21Page - Analog Devices AD7150 Datasheet HTML 22Page - Analog Devices AD7150 Datasheet HTML 23Page - Analog Devices AD7150 Datasheet HTML 24Page - Analog Devices AD7150 Datasheet HTML 25Page - Analog Devices AD7150 Datasheet HTML 26Page - Analog Devices AD7150 Datasheet HTML 27Page - Analog Devices AD7150 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD7150
Rev. 0 | Page 25 of 28
APPLICATION EXAMPLES
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
SCL
VDD
GND
AD7150
SDA
OUT1
OUT2
3V
BATTERY
LED1
LED2
1kΩ
1kΩ
1kΩ
0.1µF
1kΩ
Figure 51. AD7150 Standalone Operation Application Diagram
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
SCL
VDD
GND
AD7150
HOST
MICROCONTROLLER
SDA
OUT1
OUT2
SCL
SDA
IRQ1
IRQ2
3.3V
1kΩ
0.1µF
1kΩ
Figure 52. AD7150 Interfaced to a Host Microcontroller
SCL
VDD
GND
AD7150
SDA
3.3V
VSUPPLY
1kΩ
1kΩ
1kΩ
0.1µF
10µF
1µF
1µF
CIN1
CSENS1
CSENS2
EXC1
CIN2
EXC2
68pF
39kΩ
22pF
82kΩ
47pF
10kΩ
68pF
39kΩ
22pF
82kΩ
47pF
10kΩ
ADP1720-3.3
OUT1
Q1
R1
OUT1
OUT2
Q2
OUT2
R2
Figure 53. AD7150 Standalone Operation with EMC Protection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com