Electronic Components Datasheet Search
  English  ▼

X  

AD7150 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7150
Description  Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7150 Datasheet(HTML) 1 Page - Analog Devices

  AD7150 Datasheet HTML 1Page - Analog Devices AD7150 Datasheet HTML 2Page - Analog Devices AD7150 Datasheet HTML 3Page - Analog Devices AD7150 Datasheet HTML 4Page - Analog Devices AD7150 Datasheet HTML 5Page - Analog Devices AD7150 Datasheet HTML 6Page - Analog Devices AD7150 Datasheet HTML 7Page - Analog Devices AD7150 Datasheet HTML 8Page - Analog Devices AD7150 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Ultra-Low Power, 2-Channel, Capacitance
Converter for Proximity Sensing
AD7150
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesfor itsuse,norfor anyinfringements ofpatents orother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2007 Analog Devices, Inc. All rights reserved.
FEATURES
Ultra-low power
2.7 V to 3.6 V, 100 μA
Response time: 10 ms
Adaptive environmental compensation
2 independent capacitance input channels
Sensor capacitance (CSENS) 0 pF up to 13 pF
Sensitivity to 1 fF
EMC tested
2 modes of operation
Standalone with fixed settings
Interfaced to a microcontroller for user-defined settings
2 proximity detection output flags
2-wire serial interface (I2C compatible)
Operating temperature
−40°C to +85°C
10-lead MSOP package
APPLICATIONS
Proximity sensing
Contactless switching
Position detection
Level detection
GENERAL DESCRIPTION
The AD7150 delivers a complete signal processing solution for
capacitive proximity sensors, featuring an ultra-low power
converter with fast response time. The AD7151 is a single-
channel, lower power alternative to the AD7150.
The AD7150 uses Analog Devices, Inc., capacitance-to-digital
converter (CDC) technology, which combines features
important for interfacing to real sensors, such as high input
sensitivity and high tolerance of both input parasitic ground
capacitance and leakage current.
The integrated adaptive threshold algorithm compensates for
any variations in the sensor capacitance due to environmental
factors like humidity and temperature or due to changes in the
dielectric material over time.
By default, the AD7150 operates in standalone mode using the
fixed power-up settings and indicates detection on two digital
outputs. Alternatively, the AD7150 can be interfaced to a
microcontroller via the serial interface, the internal registers can
be programmed with user-defined settings, and the data and
status can be read from the part.
The AD7150 operates with a 2.7 V to 3.6 V power supply. It is
specified over the temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
DIGITAL
FILTER
SERIAL
INTERFACE
CIN1
CSENS1
CSENS2
EXC1
Σ-Δ CDC
CIN2
EXC2
MUX
EXCITATION
THRESHOLD
THRESHOLD
SCL
VDD
GND
AD7150
SDA
OUT1
OUT2
Figure 1.


Similar Part No. - AD7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7150 AD-AD7150 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7150 AD-AD7150 Datasheet
373Kb / 28P
Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
Rev. A
AD7150BRMZ AD-AD7150BRMZ Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7150BRMZ AD-AD7150BRMZ Datasheet
373Kb / 28P
Ultralow Power, 2-Channel, Capacitance Converter for Proximity Sensing
Rev. A
AD7150BRMZ-REEL AD-AD7150BRMZ-REEL Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
More results

Similar Description - AD7150

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7151 AD-AD7151 Datasheet
518Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
11/07-Revision 0
AD7150 AD-AD7150_15 Datasheet
986Kb / 28P
Ultra-Low Power, 2-Channel, Capacitance Converter for Proximity Sensing
REV. 0
AD7151 AD-AD7151_15 Datasheet
1,022Kb / 28P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
REV. 0
logo
Texas Instruments
FDC2212 TI1-FDC2212 Datasheet
1Mb / 60P
Capacitance-to-Digital Converter for Proximity Level Sensing Applications
FDC2112-Q1 TI1-FDC2112-Q1 Datasheet
1Mb / 58P
Capacitance-to-Digital Converter (FDC) for Capacitive Sensing
logo
Analog Devices
AD7150 AD-AD7150_17 Datasheet
456Kb / 29P
Converter for Proximity Sensing
Rev. 0
AD7151 AD-AD7151_17 Datasheet
425Kb / 29P
Ultra-Low Power, 1-Channel, Capacitance Converter for Proximity Sensing
Rev. 0
AD7156 AD-AD7156_17 Datasheet
396Kb / 29P
2-Channel Capacitance Converter
Rev. 0
logo
NVE Corporation
AA002 NVE-AA002 Datasheet
378Kb / 2P
Proximity Sensing
logo
FutureWafer Tech Co.,Lt...
FDA0531D FUTUREWAFER-FDA0531D Datasheet
1Mb / 7P
2 Channel Ultra low capacitance ESD Protection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com