Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 106 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 106 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 102Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 110Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
106
Freescale Semiconductor
Electrical Characteristics
4.7.12
PATA Timing Parameters
This section describes the timing parameters of the Parallel ATA module which are compliant with
ATA/ATAPI-6 specification.
Parallel ATA module can work on PIO/Multi-Word DMA/Ultra DMA transfer modes. Each transfer mode
has different data transfer rate, Ultra DMA mode 4 data transfer rate is up to 100MB/s. Parallel ATA
module interface consist of a total of 29 pins. Some pins act on different function in different transfer
mode. There are different requirements of timing relationships among the function pins conform with
ATA/ATAPI-6 specification and these requirements are configurable by the ATA module registers.
Table 69 and Figure 63 define the AC characteristics of all the PATA interface signals in all data transfer
modes.
Figure 63. PATA Interface Signals Timing Diagram
The user must use level shifters for 5.0 V compatibility on the ATA interface. The i.MX53 PATA interface
is 3.3 V compatible.
The use of bus buffers introduces delay on the bus and skew between signal lines. These factors make it
difficult to operate the bus at the highest speed (UDMA-5) when bus buffers are used. If fast UDMA mode
operation is needed, this may not be compatible with bus buffers.
Another area of attention is the slew rate limit imposed by the ATA specification on the ATA bus.
According to this limit, any signal driven on the bus should have a slew rate between 0.4 and 1.2 V/ns with
a 40 pF load. Not many vendors of bus buffers specify slew rate of the outgoing signals.
When bus buffers are used, the ata_data bus buffer is special. This is a bidirectional bus buffer, so a
direction control signal is needed. This direction control signal is ata_buffer_en. When its high, the bus
should drive from host to device. When its low, the bus should drive from device to host. Steering of the
signal is such that contention on the host and device tri-state busses is always avoided.
Table 69. AC Characteristics of All Interface Signals
ID
Parameter
Symbol
Min
Max
Unit
SI1
Rising edge slew rate for any signal on ATA interface1
1 SRISE and SFALL shall meet this requirement when measured at the sender’s connector from 10–90% of full signal
amplitude with all capacitive loads from 15
–40 pF where all signals have the same capacitive load value.
Srise
—1.25
V/ns
SI2
Falling edge slew rate for any signal on ATA interface1
Sfall
—1.25
V/ns
SI3
Host interface signal capacitance at the host connector
Chost
—20
pF
ATA Interface Signals
SI1
SI2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com