Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 107 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 107 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 103Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 104Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 105Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 106Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 107Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 108Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 109Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 110Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 111Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
107
In the timing equations, some timing parameters are used. These parameters depend on the
implementation of the i.MX53 PATA interface on silicon, the bus buffer used, the cable delay and cable
skew. Table 70 shows ATA timing parameters.
Table 70. PATA Timing Parameters
Name
Description
Value/
Contributing Factor1
1 Values provided where applicable.
T
Bus clock period (AHB_CLK_ROOT)
Peripheral clock frequency
(7.5 ns for 133 MHz clock)
ti_ds
Set-up time ata_data to ata_iordy edge (UDMA-in only)
UDMA0
UDMA1
UDMA2, UDMA3
UDMA4
UDMA5
15 ns
10 ns
7 ns
5 ns
4 ns
ti_dh
Hold time ata_iordy edge to ata_data (UDMA-in only)
UDMA0, UDMA1, UDMA2, UDMA3, UDMA4
UDMA5
5.0 ns
4.6 ns
tco
Propagation delay bus clock L-to-H to
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data, ata_buffer_en
12.0 ns
tsu
Set-up time ata_data to bus clock L-to-H
8.5 ns
tsui
Set-up time ata_iordy to bus clock H-to-L
8.5 ns
thi
Hold time ata_iordy to bus clock H to L
2.5 ns
tskew1
Max difference in propagation delay bus clock L-to-H to any of following signals
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
7ns
tskew2
Max difference in buffer propagation delay for any of following signals:
ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_dior, ata_diow, ata_dmack,
ata_data (write), ata_buffer_en
Transceiver
tskew3
Max difference in buffer propagation delay for any of following signals ata_iordy,
ata_data (read)
Transceiver
tbuf
Max buffer propagation delay
Transceiver
tcable1
Cable propagation delay for ata_data
Cable
tcable2
Cable propagation delay for control signals ata_dior, ata_diow, ata_iordy,
ata_dmack
Cable
tskew4
Max difference in cable propagation delay between ata_iordy and ata_data (read)
Cable
tskew5
Max difference in cable propagation delay between (ata_dior, ata_diow,
ata_dmack) and ata_cs0, ata_cs1, ata_da2, ata_da1, ata_da0, ata_data(write)
Cable
tskew6
Max difference in cable propagation delay without accounting for ground bounce
Cable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com