Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 115 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 115 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 111Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 112Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 113Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 114Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 115Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 119Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
115
4.7.13
SATA PHY Parameters
This section describes SATA PHY electrical specifications.
4.7.13.1
Reference Clock Electrical and Jitter Specifications
The refclk signal is differential and supports frequencies of 25 MHz or 50-156.25 MHz (100 MHz and
125 MHz are common frequencies). The frequency is pin-selectable (for more information about the
signal, see “Per-Transceiver Control and Status Signals” in the SATA PHY chapter in the Reference
Manual).
Table 76 provides the SATA PHY reference clock specifications.
trfs1
trfs
trfs = 1.6
× T + tsui + tco + tbuf + tbuf
—
—
tdzfs
tdzfs = time_dzfs
× T - (tskew1)
time_dzfs
tss
tss
tss = time_ss
× T - (tskew1 + tskew2)
time_ss
tmli
tdzfs_mli
tdzfs_mli =max (time_dzfs, time_mli)
× T - (tskew1 + tskew2)
—
tli
tli1
tli1 > 0
—
tli
tli2
tli2 > 0
—
tli
tli3
tli3 > 0
—
tcvh
tcvh
tcvh = (time_cvh
×T) - (tskew1 + tskew2)
time_cvh
—ton
toff
ton = time_on
× T - tskew1
toff = time_off
× T - tskew1
—
Table 76. Reference Clock Specifications
Parameters
Test Conditions
Min
Max
Unit
Differential peak voltage (typically 0.71 V)
—
350
850
mV
Common mode voltage
(refclk_p + refclk_m) / 2
—
175
2,000
mV
Total phase jitter
For information about total
phase jitter, see following
section
—3
ps RMS
Minimum/maximum duty cycle
—
40
60
% UI
Frequency range
—
25
156.25
MHz
Table 75. UDMA Out Burst Timing Parameters (continued)
ATA
Parameter
Parameter
from
Figure 71,
Figure 72,
Figure 73
Value
Controlling
Variable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com