Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 119 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 119 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 115Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 123Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
119
Figure 77. Test Access Port Timing Diagram
Figure 78. TRST Timing Diagram
Table 79. JTAG Timing
ID
Parameter1,2
All Frequencies
Unit
Min
Max
SJ0
TCK frequency of operation 1/(3•TDC)
1
0.001
22
MHz
SJ1
TCK cycle time in crystal mode
45
—
ns
SJ2
TCK clock pulse width measured at VM
2
22.5
—
ns
SJ3
TCK rise and fall times
—
3
ns
SJ4
Boundary scan input data set-up time
5
—
ns
SJ5
Boundary scan input data hold time
24
—
ns
SJ6
TCK low to output data valid
—
40
ns
SJ7
TCK low to output high impedance
—
40
ns
SJ8
TMS, TDI data set-up time
5
—
ns
TCK
(Input)
TDI
(Input)
TDO
(Output)
TDO
(Output)
TDO
(Output)
VIH
VIL
Input Data Valid
Output Data Valid
Output Data Valid
TMS
SJ8
SJ9
SJ10
SJ11
SJ10
TCK
(Input)
TRST
(Input)
SJ13
SJ12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com