Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 120 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 120 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 116Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 117Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 124Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
120
Freescale Semiconductor
Electrical Characteristics
4.7.15
SPDIF Timing Parameters
The Sony/Philips Digital Interconnect Format (SPDIF) data is sent using the bi-phase marking code. When
encoding, the SPDIF data signal is modulated by a clock that is twice the bit rate of the data signal.
Table 80 and Figures , show SPDIF timing parameters for the Sony/Philips Digital Interconnect Format
(SPDIF), including the timing of the modulating Rx clock (SRCK) for SPDIF in Rx mode and the timing
of the modulating Tx clock (STCLK) for SPDIF in Tx mode.
SJ9
TMS, TDI data hold time
25
—
ns
SJ10
TCK low to TDO data valid
—
44
ns
SJ11
TCK low to TDO high impedance
—
44
ns
SJ12
TRST assert time
100
—
ns
SJ13
TRST set-up time to TCK low
40
—
ns
1 T
DC = target frequency of SJC
2 V
M = mid-point voltage
Table 80. SPDIF Timing Parameters
Characteristics
Symbol
Timing Parameter Range
Units
Min
Max
SPDIFIN Skew: asynchronous inputs, no specs apply
—
—
0.7
ns
SPDIFOUT output (Load = 50pf)
•Skew
• Transition rising
• Transition falling
—
—
—
—
—
—
1.5
24.2
31.3
ns
SPDIFOUT1 output (Load = 30pf)
•Skew
• Transition rising
• Transition falling
—
—
—
—
—
—
1.5
13.6
18.0
ns
Modulating Rx clock (SRCK) period
srckp
40.0
—
ns
SRCK high period
srckph
16.0
—
ns
SRCK low period
srckpl
16.0
—
ns
Modulating Tx clock (STCLK) period
stclkp
40.0
—
ns
STCLK high period
stclkph
16.0
—
ns
STCLK low period
stclkpl
16.0
—
ns
Table 79. JTAG Timing (continued)
ID
Parameter1,2
All Frequencies
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com