Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 123 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 123 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 127Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 173 page
background image
Electrical Characteristics
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
123
NOTE
•
All the timings for the SSI are given for a non-inverted serial clock
polarity (TSCKP/RSCKP = 0) and a non-inverted frame sync
(TFSI/RFSI = 0). If the polarity of the clock and/or the frame sync have
been inverted, all the timing remains valid by inverting the clock signal
STCK/SRCK and/or the frame sync STFS/SRFS shown in the tables
and in the figures.
•
All timings are on Audiomux Pads when SSI is being used for data
transfer.
•
The terms WL and BL refer to Word Length (WL) and Bit Length (BL).
•
“Tx” and “Rx” refer to the Transmit and Receive sections of the SSI.
•
For internal Frame Sync operation using external clock, the FS timing is
same as that of Tx Data (for example, during AC97 mode of operation).
SS17
(Tx) CK high to STXD high/low
—
15.0
ns
SS18
(Tx) CK high to STXD high impedance
—
15.0
ns
SS19
STXD rise/fall time
—
6.0
ns
Synchronous Internal Clock Operation
SS42
SRXD setup before (Tx) CK falling
10.0
—
ns
SS43
SRXD hold after (Tx) CK falling
0.0
—
ns
SS52
Loading
—
25.0
pF
Table 82. SSI Transmitter Timing with Internal Clock (continued)
ID
Parameter
Min
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com