Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 122 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 122 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 118Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 119Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 120Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 121Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 122Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 123Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 126Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
122
Freescale Semiconductor
Electrical Characteristics
4.7.16.1
SSI Transmitter Timing with Internal Clock
Figure 81 depicts the SSI transmitter internal clock timing and Table 82 lists the timing parameters for the
SSI transmitter internal clock.
.
Figure 81. SSI Transmitter Internal Clock Timing Diagram
Table 82. SSI Transmitter Timing with Internal Clock
ID
Parameter
Min
Max
Unit
Internal Clock Operation
SS1
(Tx/Rx) CK clock period
81.4
—
ns
SS2
(Tx/Rx) CK clock high period
36.0
—
ns
SS3
(Tx/Rx) CK clock rise time
—
6.0
ns
SS4
(Tx/Rx) CK clock low period
36.0
—
ns
SS5
(Tx/Rx) CK clock fall time
—
6.0
ns
SS6
(Tx) CK high to FS (bl) high
—
15.0
ns
SS8
(Tx) CK high to FS (bl) low
—
15.0
ns
SS10
(Tx) CK high to FS (wl) high
—
15.0
ns
SS12
(Tx) CK high to FS (wl) low
—
15.0
ns
SS14
(Tx/Rx) Internal FS rise time
—
6.0
ns
SS15
(Tx/Rx) Internal FS fall time
—
6.0
ns
SS16
(Tx) CK high to STXD valid from high impedance
—
15.0
ns
SS19
SS1
SS2
SS4
SS3
SS5
SS6
SS8
SS10
SS12
SS14
SS18
SS15
SS17
SS16
SS43
SS42
Note: SRXD input in synchronous mode only
TXC
TXFS (wl)
(Output)
TXFS (bl)
(Output)
RXD
(Input)
TXD
(Output)
: SRXD input in synchronous mode only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com