Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 128 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 128 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 124Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 125Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 127Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 132Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
128
Freescale Semiconductor
Electrical Characteristics
4.7.16.4
SSI Receiver Timing with External Clock
Figure 84 depicts the SSI receiver external clock timing and Table 85 lists the timing parameters for the
receiver timing with the external clock.
Figure 84. SSI Receiver External Clock Timing Diagram
Table 85. SSI Receiver Timing with External Clock
ID
Parameter
Min
Max
Unit
External Clock Operation
SS22
(Tx/Rx) CK clock period
81.4
—
ns
SS23
(Tx/Rx) CK clock high period
36
—
ns
SS24
(Tx/Rx) CK clock rise time
—
6.0
ns
SS25
(Tx/Rx) CK clock low period
36
—
ns
SS26
(Tx/Rx) CK clock fall time
—
6.0
ns
SS28
(Rx) CK high to FS (bl) high
-10
15.0
ns
SS30
(Rx) CK high to FS (bl) low
10
—
ns
SS32
(Rx) CK high to FS (wl) high
-10
15.0
ns
SS34
(Rx) CK high to FS (wl) low
10
—
ns
SS35
(Tx/Rx) External FS rise time
—
6.0
ns
SS36
(Tx/Rx) External FS fall time
—
6.0
ns
SS40
SRXD setup time before (Rx) CK low
10
—
ns
SS41
SRXD hold time after (Rx) CK low
2
—
ns
SS24
SS34
SS35
SS30
SS28
SS26
SS25
SS23
SS40
SS22
SS32
SS36
SS41
TXC
TXFS (bl)
TXFS (wl)
RXD
(Input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com