Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 130 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 130 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 126Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 127Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 128Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 129Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 130Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 131Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 132Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 133Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 134Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
130
Freescale Semiconductor
Electrical Characteristics
Figure 85. UART RS-232 Serial Mode Transmit Timing Diagram
4.7.17.2.2
UART Receiver
Figure 86 depicts the RS-232 serial mode receive timing with 8 data bit/1 stop bit format. Table 88 lists
serial mode receive timing characteristics.
Figure 86. UART RS-232 Serial Mode Receive Timing Diagram
4.7.17.3
UART IrDA Mode Timing
The following subsections give the UART transmit and receive timings in IrDA mode.
4.7.17.3.3
UART IrDA Mode Transmitter
Figure 87 depicts the UART IrDA mode transmit timing, with 8 data bit/1 stop bit format. Table 89 lists
the transmit timing characteristics.
Table 87. RS-232 Serial Mode Transmit Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA1
Transmit Bit Time
tTbit
1/Fbaud_rate
1 -
Tref_clk
2
1 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
2 T
ref_clk: The period of UART reference clock ref_clk (ipg_perclk after RFDIV divider).
1/Fbaud_rate +
Tref_clk
—
Table 88. RS-232 Serial Mode Receive Timing Parameters
ID
Parameter
Symbol
Min
Max
Units
UA2
Receive Bit Time1
1 The UART receiver can tolerate 1/(16 x F
baud_rate) tolerance in each bit. But accumulation tolerance in one frame must not
exceed 3/(16 x Fbaud_rate).
tRbit
1/Fbaud_rate
2 - 1/(16
x Fbaud_rate)
2 F
baud_rate: Baud rate frequency. The maximum baud rate the UART can support is (ipg_perclk frequency)/16.
1/Fbaud_rate +
1/(16 x Fbaud_rate)
—
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
TXD
(output)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA1
UA1
UA1
UA1
Bit 1
Bit 2
Bit 0
Bit 4
Bit 5
Bit 6
Bit 7
RXD
(input)
Bit 3
Start
Bit
STOP
BIT
Next
Start
Bit
Possible
Parity
Bit
Par Bit
UA2
UA2
UA2
UA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com