Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 149 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 149 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 145Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 146Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 150Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 151Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 153Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
149
CSI0_DAT10
R5
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[28]
Input
100 K
Ω
PU
CSI0_DAT11
T2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[29]
Input
100 K
Ω
PU
CSI0_DAT12
T3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[30]
Input
360 K
Ω
PD
CSI0_DAT13
T6
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[31]
Input
360 K
Ω
PD
CSI0_DAT14
U1
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[0]
Input
360 K
Ω
PD
CSI0_DAT15
U2
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[1]
Input
360 K
Ω
PD
CSI0_DAT16
T4
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[2]
Input
360 K
Ω
PD
CSI0_DAT17
T5
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[3]
Input
360 K
Ω
PD
CSI0_DAT18
U3
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[4]
Input
360 K
Ω
PD
CSI0_DAT19
U4
NVCC_CSI
UHVIO
ALT1
GPIO-6
gpio6_GPIO[5]
Input
360 K
Ω
PD
CSI0_DAT4
R1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[22]
Input
100 K
Ω
PU
CSI0_DAT5
R2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[23]
Input
360 K
Ω
PD
CSI0_DAT6
R6
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[24]
Input
100 K
Ω
PU
CSI0_DAT7
R3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[25]
Input
100 K
Ω
PU
CSI0_DAT8
T1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[26]
Input
100 K
Ω
PU
CSI0_DAT9
R4
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[27]
Input
360 K
Ω
PD
CSI0_DATA_EN
P3
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[20]
Input
100 K
Ω
PU
CSI0_MCLK
P2
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[19]
Input
100 K
Ω
PU
CSI0_PIXCLK
P1
NVCC_CSI
UHVIO
ALT1
GPIO-5
gpio5_GPIO[18]
Input
100 K
Ω
PU
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com