Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 151 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 151 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 147Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 148Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 149Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 150Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 151Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 153Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 154Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 155Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
151
DISP0_DAT20
F4
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[14]
Input
100 K
Ω
PU
DISP0_DAT21
C1
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[15]
Input
100 K
Ω
PU
DISP0_DAT22
E3
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[16]
Input
100 K
Ω
PU
DISP0_DAT23
C3
NVCC_LCD
GPIO
ALT1
GPIO-5
gpio5_GPIO[17]
Input
100 K
Ω
PU
DISP0_DAT3
F1
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[24]
Input
100 K
Ω
PD
DISP0_DAT4
G2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[25]
Input
100 K
Ω
PD
DISP0_DAT5
H3
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[26]
Input
100 K
Ω
PD
DISP0_DAT6
G1
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[27]
Input
100 K
Ω
PD
DISP0_DAT7
H6
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[28]
Input
100 K
Ω
PD
DISP0_DAT8
G6
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[29]
Input
100 K
Ω
PU
DISP0_DAT9
E2
NVCC_LCD
GPIO
ALT1
GPIO-4
gpio4_GPIO[30]
Input
100 K
Ω
PU
DRAM_A0
M19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[0]
Output
Low
DRAM_A1
L21
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1]
Output
Low
DRAM_A10
K19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
0]
Output
Low
DRAM_A11
L22
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
1]
Output
Low
DRAM_A12
L20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
2]
Output
Low
DRAM_A13
L23
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
3]
Output
Low
DRAM_A14
N18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
4]
Output
Low
DRAM_A15
M18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[1
5]
Output
Low
DRAM_A2
M20
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_A[2]
Output
Low
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com