Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 151Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 153Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 154Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 155Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 156Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
155
DRAM_SDODT0
J18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_OD
T[0]
Output
Low
DRAM_SDODT1
R18
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_OD
T[1]
Output
Low
DRAM_SDQS0
H23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS[0]
Input
Low
DRAM_SDQS0_
B
H22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS_B[0]
Input
High
DRAM_SDQS1
D23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS[1]
Input
Low
DRAM_SDQS1_
B
D22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS_B[1]
Input
High
DRAM_SDQS2
T22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS[2]
Input
Low
DRAM_SDQS2_
B
T23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS_B[2]
Input
High
DRAM_SDQS3
Y22
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS[3]
Input
Low
DRAM_SDQS3_
B
Y23
NVCC_EMI_DRAM
DDR3CLK
ALT0
EXTMC
emi_DRAM_SD
QS_B[3]
Input
High
DRAM_SDWE
L19
NVCC_EMI_DRAM
DDR3
ALT0
EXTMC
emi_DRAM_SD
WE
Output
High
ECKIL
AC10
NVCC_SRTC_POW
ANALOG
—
SRTC
ECKIL {no block
I/O by this name
in RM}
——
EIM_A16
AA5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[16]
Output2
—
EIM_A17
V7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[17]
Output2
—
EIM_A18
AB3
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[18]
Output2
—
EIM_A19
W7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[19]
Output2
—
EIM_A20
Y6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[20]
Output2
—
EIM_A21
AA4
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[21]
Output2
—
EIM_A22
AA3
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[22]
Output2
—
EIM_A23
V6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[23]
Output
—
EIM_A24
Y5
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[24]
Output
—
EIM_A25
W6
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_A[25]
Output
—
EIM_BCLK
W11
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_BCLK
Output
—
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com