Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 156 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 156 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 152Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 153Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 154Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 155Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 156Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 160Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 173 page
background image
i.MX53 Applications Processors for Industrial Products, Rev. 6
156
Freescale Semiconductor
Package Information and Contact Assignments
EIM_CS0
W8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_CS[0]
Output
—
EIM_CS1
Y7
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_EIM_CS[1]
Output
—
EIM_D16
U6
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[16]
Input
100 K
Ω
PU
EIM_D17
U5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[17]
Input
100 K
Ω
PU
EIM_D18
V1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[18]
Input
100 K
Ω
PU
EIM_D19
V2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[19]
Input
100 K
Ω
PU
EIM_D20
W1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[20]
Input
100 K
Ω
PU
EIM_D21
V3
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[21]
Input
100 K
Ω
PU
EIM_D22
W2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[22]
Input
360 K
Ω
PD
EIM_D23
Y1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[23]
Input
100 K
Ω
PU
EIM_D24
Y2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[24]
Input
100 K
Ω
PU
EIM_D25
W3
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[25]
Input
100 K
Ω
PU
EIM_D26
V5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[26]
Input
100 K
Ω
PU
EIM_D27
V4
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[27]
Input
100 K
Ω
PU
EIM_D28
AA1
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[28]
Input
100 K
Ω
PU
EIM_D29
AA2
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[29]
Input
100 K
Ω
PU
EIM_D30
W4
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[30]
Input
100 K
Ω
PU
EIM_D31
W5
NVCC_EIM_SEC
UHVIO
ALT1
GPIO-3
gpio3_GPIO[31]
Input
360 K
Ω
PD
EIM_DA0
Y8
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_NAND_EIM
_DA[0]
Input2
100 K
Ω
PU
EIM_DA1
AC4
NVCC_EIM_MAIN
UHVIO
ALT0
EXTMC
emi_NAND_EIM
_DA[1]
Input2
100 K
Ω
PU
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com