Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 159 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 159 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 155Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 156Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 157Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 158Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 160Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 163Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
159
GPIO_13
AA18
TVDAC_AHVDDRG
B
GPIO
ALT0
GPIO-4
gpio4_GPIO[3]
Input
100 K
Ω
PU
GPIO_14
W18
TVDAC_AHVDDRG
B
GPIO
ALT0
GPIO-4
gpio4_GPIO[4]
Input
100 K
Ω
PU
GPIO_16
C6
NVCC_GPIO
UHVIO
ALT1
GPIO-7
gpio7_GPIO[11]
Input
360 K
Ω
PD
GPIO_17
A3
NVCC_GPIO
UHVIO
ALT1
GPIO-7
gpio7_GPIO[12]
Input
360 K
Ω
PD
GPIO_18
D7
NVCC_GPIO
UHVIO
ALT1
GPIO-7
gpio7_GPIO[13]
Input
360 K
Ω
PD
GPIO_19
B4
NVCC_KEYPAD
UHVIO
ALT1
GPIO-4
gpio4_GPIO[5]
Input3
100 K
Ω
PU
GPIO_2
C7
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[2]
Input
360 K
Ω
PD
GPIO_3
A6
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[3]
Input
360 K
Ω
PD
GPIO_4
D8
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[4]
Input
100 K
Ω
PU
GPIO_5
A5
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[5]
Input
360 K
Ω
PD
GPIO_6
B6
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[6]
Input
360 K
Ω
PD
GPIO_7
A4
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[7]
Input
360 K
Ω
PD
GPIO_8
B5
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[8]
Input
360 K
Ω
PD
GPIO_9
E8
NVCC_GPIO
UHVIO
ALT1
GPIO-1
gpio1_GPIO[9]
Input
100 K
Ω
PU
JTAG_MOD
C9
NVCC_JTAG
GPIO
ALT0
SJC
sjc_MOD
Input
100 K
Ω
PU
JTAG_TCK
D9
NVCC_JTAG
GPIO
ALT0
SJC
sjc_TCK
Input
100 K
Ω
PD
JTAG_TDI
B8
NVCC_JTAG
GPIO
ALT0
SJC
sjc_TDI
Input
47 K
Ω
PU
JTAG_TDO
A7
NVCC_JTAG
GPIO
ALT0
SJC
sjc_TDO
Input
Keeper
JTAG_TMS
A8
NVCC_JTAG
GPIO
ALT0
SJC
sjc_TMS
Input
47 K
Ω
PU
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com