Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 163 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 163 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 159Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 160Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 167Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
163
PATA_DIOW
J3
NVCC_PATA
UHVIO
ALT1
GPIO-6
gpio6_GPIO[17]
Input
100 K
Ω
PU
PATA_DMACK
J2
NVCC_PATA
UHVIO
ALT1
GPIO-6
gpio6_GPIO[18]
Input
100 K
Ω
PU
PATA_DMARQ
J1
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[0]
Input
100 K
Ω
PU
PATA_INTRQ
K5
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[2]
Input
100 K
Ω
PU
PATA_IORDY
K1
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[5]
Input
100 K
Ω
PU
PATA_RESET_B
K2
NVCC_PATA
UHVIO
ALT1
GPIO-7
gpio7_GPIO[4]
Input
100 K
Ω
PU
PMIC_ON_REQ
W14
NVCC_SRTC_POW
GPIO
ALT0
SRTC
srtc_SRTCALA
RM
Output
—
PMIC_STBY_RE
Q
W15
NVCC_SRTC_POW
GPIO
ALT0
CCM
ccm_PMIC_VST
BY_REQ
Output
—
POR_B
C19
NVCC_RESET
LVIO
ALT0
SRC
src_POR_B
Input
100 K
Ω
PU
RESET_IN_B
A21
NVCC_RESET
LVIO
ALT0
SRC
src_RESET_B
Input
100 K
Ω
PU
SATA_REFCLKM
A14
VPH
ANALOG
—
SATA
SATA_REFCLK
M
——
SATA_REFCLKP
B14
VPH
ANALOG
—
SATA
SATA_REFCLK
P
——
SATA_REXT
C13
VPH
ANALOG
—
SATA
SATA_REXT
—
—
SATA_RXM
A12
VPH
ANALOG
—
SATA
SATA_RXM
—
—
SATA_RXP
B12
VPH
ANALOG
—
SATA
SATA_RXP
—
—
SATA_TXM
B10
VPH
ANALOG
—
SATA
SATA_TXM
—
—
SATA_TXP
A10
VPH
ANALOG
—
SATA
SATA_TXP
—
—
SD1_CLK
E16
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[20]
Input
100 K
Ω
PU
SD1_CMD
F18
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[18]
Input
100 K
Ω
PU
SD1_DATA0
A20
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[16]
Input
100 K
Ω
PU
SD1_DATA1
C17
NVCC_SD1
UHVIO
ALT1
GPIO-1
gpio1_GPIO[17]
Input
100 K
Ω
PU
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com