Electronic Components Datasheet Search
  English  ▼

X  

IMX53IEC Datasheet(PDF) 165 Page - Freescale Semiconductor, Inc

Part # IMX53IEC
Description  i.MX53 Applications Processors for Industrial Products
PDF  173 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

IMX53IEC Datasheet(HTML) 165 Page - Freescale Semiconductor, Inc

Back Button IMX53IEC Datasheet HTML 161Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 162Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 163Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 164Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 165Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 166Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 167Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 168Page - Freescale Semiconductor, Inc IMX53IEC Datasheet HTML 169Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 173 page
background image
Package Information and Contact Assignments
i.MX53 Applications Processors for Industrial Products, Rev. 6
Freescale Semiconductor
165
NOTE
KEY_COL0 and GPIO_19 act as output for diagnostic signals during
power-on reset.
USB_H1_GPANA
IO
A16
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG2
5
—
USB
USB_H1_GPAN
AIO
——
USB_H1_RREFE
XT
B16
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG2
5
—
USB
USB_H1_RREF
EXT
——
USB_H1_VBUS
D15
USB_H1_VDDA25,
USB_H1_VDDA33
ANALOG5
0
—
USB
USB_H1_VBUS
—
—
USB_OTG_DN
A19
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG5
0
—
USB
USB_OTG_DN
—
—
USB_OTG_DP
B19
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG5
0
—
USB
USB_OTG_DP
—
—
USB_OTG_GPA
NAIO
F15
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG2
5
—
USB
USB_OTG_GPA
NAIO
——
USB_OTG_ID
C16
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG2
5
—
USB
USB_OTG_ID
—
—
USB_OTG_RRE
FEXT
D16
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG2
5
—
USB
USB_OTG_RRE
FEXT
——
USB_OTG_VBU
S
E15
USB_OTG_VDDA25,
USB_OTG_VDDA33
ANALOG5
0
—
USB
USB_OTG_VBU
S
——
XTAL
AC11
NVCC_XTAL
ANALOG
—
XTALOS
C
XTAL
—
—
1 The state immediately after reset and before ROM firmware or software has executed.
2 During power-on reset, this port acts as input for fuse override. See Section 5.1, “Boot Mode Configuration Pins” for details.
For appropriate resistor values, see Chapter 1 of
i.MX53 System Development User's Guide (MX53UG).
3 During power-on reset, this port acts as output for diagnostic signal INT_BOOT
4 During power-on reset, this port acts as output for diagnostic signal ANY_PU_RST
Table 111. 19 x 19 mm Signal Assignments, Power Rails, and I/O (continued)
Contact Name
Contact
Assignment
Power Rail
I/O Buffer
Type
Out of Reset Condition1
Alt.
Mode
Block
Instance
Block I/O
Direction
Config.
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com