Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 4 Page - Microchip Technology

  MCP7940N Datasheet HTML 1Page - Microchip Technology MCP7940N Datasheet HTML 2Page - Microchip Technology MCP7940N Datasheet HTML 3Page - Microchip Technology MCP7940N Datasheet HTML 4Page - Microchip Technology MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 42 page
background image
MCP7940N
DS25010E-page 4
 2011-2013 Microchip Technology Inc.
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.8V to 5.5V
TA = -40°C to +85°C
Extended (E):
VCC = +1.8V to 5.5V
TA = -40°C to +125°C
Param.
No.
Symbol
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
100
400
kHz
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
2THIGH
Clock high time
4000
600
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
3TLOW
Clock low time
4700
1300
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
4TR
SDA and SCL rise time
(Note 1)
—
—
1000
300
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
5TF
SDA and SCL fall time
(Note 1)
—
—
1000
300
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
6THD:STA Start condition hold time
4000
600
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
7TSU:STA
Start condition setup time
4700
600
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
8THD:DAT Data input hold time
0
—
ns
9TSU:DAT Data input setup time
250
100
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
10
TSU:STO Stop condition setup time
4000
600
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
11
TAA
Output valid from clock
—
—
3500
900
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
12
TBUF
Bus free time: Time the bus
must be free before a new
transmission can start
4700
1300
—
—
ns
1.8V
 VCC < 2.5V (I, E-temp)
2.5V
 VCC  5.5V (I, E-temp)
13
TSP
Input filter spike suppression
(SDA and SCL pins)
—50
ns
(Note 1 and Note 2)
Note 1: Not 100% tested.
2: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com