Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 3Page - Microchip Technology MCP7940N Datasheet HTML 4Page - Microchip Technology MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology MCP7940N Datasheet HTML 10Page - Microchip Technology MCP7940N Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 7
MCP7940N
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN DESCRIPTIONS
FIGURE 3-1:
DEVICE PINOUTS
3.1
Serial Data (SDA)
This is a bidirectional pin used to transfer addresses
and data into and out of the device. It is an open-drain
terminal, therefore, the SDA bus requires a pull-up
resistor to VCC (typically 10 k
 for 100 kHz, 2 k for
400 kHz). For normal data transfer, SDA is allowed to
change only during SCL low. Changes during SCL high
are reserved for indicating the Start and Stop
conditions.
3.2
Serial Clock (SCL)
This input is used to synchronize the data transfer from
and to the device.
3.3
X1, X2
External Crystal Pins.
3.4
MFP
Open-drain pin used for alarm and clock-out.
3.5
VBAT
Input for backup supply to maintain RTCC and SRAM
during the time when VCC is below VTRIP.
Pin Name
Pin Function
Vss
Ground
SDA
Bidirectional Serial Data
SCL
Serial Clock
X1
Xtal Input, External Oscillator Input
X2
Xtal Output
VBAT
Battery Backup Input (3V Typ)
MFP
Multi-Function Pin
Vcc
Power Supply
X1
X2
VBAT
Vss
Vcc
MFP
SCL
SDA
1
2
3
4
8
7
6
5
SOIC/DFN/MSOP/TSSOP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com