Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 5Page - Microchip Technology MCP7940N Datasheet HTML 6Page - Microchip Technology MCP7940N Datasheet HTML 7Page - Microchip Technology MCP7940N Datasheet HTML 8Page - Microchip Technology MCP7940N Datasheet HTML 9Page - Microchip Technology MCP7940N Datasheet HTML 10Page - Microchip Technology MCP7940N Datasheet HTML 11Page - Microchip Technology MCP7940N Datasheet HTML 12Page - Microchip Technology MCP7940N Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
 2011-2013 Microchip Technology Inc.
DS25010E-page 9
MCP7940N
FIGURE 4-2:
ACKNOWLEDGE TIMING
4.1.2
DEVICE ADDRESSING AND OPERATION
A control byte is the first byte received following the
Start condition from the master device (Figure 4-2).
The control byte for accessing the SRAM and RTCC
registers are set to ‘1101111’. The RTCC registers and
the SRAM share the same address space.
The last bit of the control byte defines the operation to
be performed. When set to a ‘1’ a read operation is
selected, and when set to a ‘0’ a write operation is
selected. The next byte received defines the address of
the data byte (Figure 4-3). The upper address bits are
transferred first, followed by the Least Significant bits
(LSb).
Following the Start condition, the MCP7940N monitors
the SDA bus, checking the device type identifier being
transmitted. Upon receiving an ‘1101111’ code, the
slave device outputs an Acknowledge signal on the
SDA line. Depending on the state of the R/W bit, the
MCP7940N will select a read or write operation.
FIGURE 4-3:
ADDRESS SEQUENCE BIT ASSIGNMENTS
SCL
9
8
7
6
5
4
3
2
11
2
3
Transmitter must release the SDA line at this point
allowing the Receiver to pull the SDA line low to
acknowledge the previous eight bits of data.
Receiver must release the SDA line at this point
so the Transmitter can continue sending data.
Data from transmitter
Data from transmitter
SDA
Acknowledge
Bit
1
101
R/W
X
A
0
••
•
•
••
SRAM RTCC CONTROL BYTE
ADDRESS BYTE
CONTROL
CODE
111
X = Don’t Care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com