Electronic Components Datasheet Search
  English  ▼

X  

MCP7940N Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP7940N
Description  Low-Cost I2C Real-Time Clock/Calendar with SRAM and Battery Switchover
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP7940N Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP7940N Datasheet HTML 12Page - Microchip Technology MCP7940N Datasheet HTML 13Page - Microchip Technology MCP7940N Datasheet HTML 14Page - Microchip Technology MCP7940N Datasheet HTML 15Page - Microchip Technology MCP7940N Datasheet HTML 16Page - Microchip Technology MCP7940N Datasheet HTML 17Page - Microchip Technology MCP7940N Datasheet HTML 18Page - Microchip Technology MCP7940N Datasheet HTML 19Page - Microchip Technology MCP7940N Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP7940N
DS25010E-page 16
 2011-2013 Microchip Technology Inc.
5.2.4
CRYSTAL SPECS
The MCP7940N has been designed to operate with a
standard 32.768 kHz tuning fork crystal. The on-board
oscillator has been characterized to operate with a
crystal of maximum ESR of 70K Ohms.
Crystals with a comparable specification are also suit-
able for use with the MCP7940N.
The table below is given as design guidance and a
starting point for crystal and capacitor selection.
EQUATION 5-1:
The following must also be taken into consideration:
• Pin capacitance (to be included in Cx2 and Cx1)
• Stray Board Capacitance
The recommended board layout for the oscillator area
is shown in Figure 5-3. This actual board shows the
crystal and the load capacitors. In this example, C2 is
CX1, C3 is CX2 and the crystal is designated as Y1.
FIGURE 5-3:
BOARD LAYOUT
Gerber files are available from
www/microchip.com/rtcc.
It is required that the final application should be tested
with the chosen crystal and capacitor combinations
across all operating and environmental conditions.
Please also consult with the crystal specification to
observe correct handling and reflow conditions and for
information on ideal capacitor values.
For more information please see application note
AN1365, “RTCC Best Practices” (DS01365).
Manufacturer
Part Number
Crystal
Capacitance
CX1 Value
CX2 Value
Micro Crystal
CM7V-T1A
7pF
10pF
12pF
Citizen
CM200S-32.768KDZB-UT
6pF
10pF
8 pF
Please work with your crystal vendor.
Cload
CX2 CX1
CX2
CX1
+
-----------------------------
Cstray
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com