Electronic Components Datasheet Search
  English  ▼

X  

PLCC6W6 Datasheet(PDF) 5 Page - HB Electronic Components

Part # PLCC6W6
Description  Emitting Color White Lens Type Yellow Diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6W6 Datasheet(HTML) 5 Page - HB Electronic Components

  PLCC6W6 Datasheet HTML 1Page - HB Electronic Components PLCC6W6 Datasheet HTML 2Page - HB Electronic Components PLCC6W6 Datasheet HTML 3Page - HB Electronic Components PLCC6W6 Datasheet HTML 4Page - HB Electronic Components PLCC6W6 Datasheet HTML 5Page - HB Electronic Components PLCC6W6 Datasheet HTML 6Page - HB Electronic Components PLCC6W6 Datasheet HTML 7Page - HB Electronic Components PLCC6W6 Datasheet HTML 8Page - HB Electronic Components PLCC6W6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
.
Part No./型号:PLCC6W6
www.ledz.com
5/12
LED SPECIFICATION
7、Typical electrical/optical characteristic curves/光电特性曲线:
Fig.4 相对亮度 Vs. 环境温度
-20
2.5
2.0
40
60
90
80
1.5
1.0
0.5
0
20
0
-40
Ambient Temperature TA ()
℃
Fig.3 正向电流 Vs. 环境温度
Fig.2 相对亮度 Vs. 正向电流
2.6
2.5
50
40
Fig.1 正向电流 Vs. 正向电压
1.5
1.0
0
0.5
IF-Forward Current (mA)
0
20
10
3.6
3.2
3.4
30
40
50
30
20
10
0
50
3.0
2.8
Forward Voltage(V)
100
60
80
40
30
10
0
20
20
0
Ambient Temperature TA ()
℃
40
2.0
Ta=25℃
700
650
600
550
500
450
1.2
1.0
400
Wavelength (nm)
0.8
0.6
0.4
0.2
0
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com