Electronic Components Datasheet Search
  English  ▼

X  

PLCC6W6 Datasheet(PDF) 7 Page - HB Electronic Components

Part # PLCC6W6
Description  Emitting Color White Lens Type Yellow Diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6W6 Datasheet(HTML) 7 Page - HB Electronic Components

Back Button PLCC6W6 Datasheet HTML 3Page - HB Electronic Components PLCC6W6 Datasheet HTML 4Page - HB Electronic Components PLCC6W6 Datasheet HTML 5Page - HB Electronic Components PLCC6W6 Datasheet HTML 6Page - HB Electronic Components PLCC6W6 Datasheet HTML 7Page - HB Electronic Components PLCC6W6 Datasheet HTML 8Page - HB Electronic Components PLCC6W6 Datasheet HTML 9Page - HB Electronic Components PLCC6W6 Datasheet HTML 10Page - HB Electronic Components PLCC6W6 Datasheet HTML 11Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
.
Part No./型号:PLCC6W6
www.ledz.com
7/12
LED SPECIFICATION
9、Specification of Packing /包装规格
9.1 Taping and Orientation/编带和方向
Quantity/数量:1000 units/reel
Diameter/直径:178 mm
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com