Electronic Components Datasheet Search
  English  ▼

X  

PLCC6W6 Datasheet(PDF) 2 Page - HB Electronic Components

Part # PLCC6W6
Description  Emitting Color White Lens Type Yellow Diffused
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HB [HB Electronic Components]
Direct Link  http://www.hebeiltd.com.cn
Logo HB - HB Electronic Components

PLCC6W6 Datasheet(HTML) 2 Page - HB Electronic Components

  PLCC6W6 Datasheet HTML 1Page - HB Electronic Components PLCC6W6 Datasheet HTML 2Page - HB Electronic Components PLCC6W6 Datasheet HTML 3Page - HB Electronic Components PLCC6W6 Datasheet HTML 4Page - HB Electronic Components PLCC6W6 Datasheet HTML 5Page - HB Electronic Components PLCC6W6 Datasheet HTML 6Page - HB Electronic Components PLCC6W6 Datasheet HTML 7Page - HB Electronic Components PLCC6W6 Datasheet HTML 8Page - HB Electronic Components PLCC6W6 Datasheet HTML 9Page - HB Electronic Components Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Hebei I.T. (Shanghai) Co., Ltd.
.
Part No./型号:PLCC6W6
www.ledz.com
2/12
LED SPECIFICATION
4、Absolute maximum ratings/极限参数(Ta = 25℃):
Value 参数
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Max.
Unit
单位
Power Dissipation
损耗功率
Pd
——
——
90
mW
Reverse Voltage
反 向 电 压
VR
IR = 30μA
5
——
V
Pulse Current
正向峰值电流
IFp
Duty=0.1,1kHz
——
100
mA
Forward Current
正向工作电流
IFm
——
——
25
mA
Operating
Temperature
工作温度范围
Topr
——
-40
+85
℃
Storage
Temperature
储存温度范围
Tstr
——
-40
+85
℃
5、Electrical and optical characteristics/光电参数(Ta = 25℃):
Value 参数
Parameter
参数
Symbol
符号
Test
Condition
测试条件
Min.
Typ.
Max.
Unit
单位
Forward Voltage
正向电压
VF
IF = 20mA
——
3.2
3.6
V
Reverse Current
反向电流
IR
VR = 5V
——
——
30
μA
CIE-X
---
Chromaticity
coordinates
色坐标
CIE-Y
IF = 20mA
——
---
——
-----
Luminous
Intensity
发光强度
IV
IF = 20mA
1100
1600
——
mcd
Viewing Angle
发 光指 向角
2θ1/2
IF = 20mA
——
120
——
Deg.
PDF created with pdfFactory Pro trial version www.pdffactory.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com